Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LN2053_E Datasheet(PDF) 5 Page - Shanghai Natlinear Electronics Co., Ltd.

Part # LN2053_E
Description  1A is compatible with the USB interface, linear battery management chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NATLINEAR [Shanghai Natlinear Electronics Co., Ltd.]
Direct Link  http://www.natlinear.com/en/index/index
Logo NATLINEAR - Shanghai Natlinear Electronics Co., Ltd.

LN2053_E Datasheet(HTML) 5 Page - Shanghai Natlinear Electronics Co., Ltd.

  LN2053_E Datasheet HTML 1Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 2Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 3Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 4Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 5Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 6Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 7Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 8Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 9Page - Shanghai Natlinear Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LN2053
Rev.1.1 —Aug. 20, 2015
5
www.natlinear.com
■ Absolute Maximum Ratings
Parameter
Symbol
Maximum Rating
Unit
Input supply voltage
Vcc
VSS-0.3~VSS+7
V
ISET pin Voltage
Vprog
VSS-0.3~Vcc+0.3
BAT pin Voltage
Vbat
Vss-0.3~6
DONE pin Voltage
Vdone
VSS-0.3~VSS+7
CHAG pin Voltage
Vchrg
VSS-0.3~VSS+7
ESD discharge capability
Hbm
3000
BAT pin current
Ibat
1500
mA
ISET pin current
Iprog
1500
uA
Operating ambient temperature
Topa
-40~+85
°C
Storage temperature
Tstr
-65~+125
Pin soldering temperature(10s)
-
300
Caution: The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These
values must therefore not be exceeded under any conditions.
■ Typical Application Circuit
VIN
CHRG
DONE
GND
EXPOSED
PAD
ISET
TEMP
FB
BAT
RSET
R1
NTC
4.7u
330
1u
FROM 2.5v-6V
BATTERY PACK
OPTION
R2
R3
S1
Figure2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com