Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LN2053_E Datasheet(PDF) 1 Page - Shanghai Natlinear Electronics Co., Ltd.

Part # LN2053_E
Description  1A is compatible with the USB interface, linear battery management chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NATLINEAR [Shanghai Natlinear Electronics Co., Ltd.]
Direct Link  http://www.natlinear.com/en/index/index
Logo NATLINEAR - Shanghai Natlinear Electronics Co., Ltd.

LN2053_E Datasheet(HTML) 1 Page - Shanghai Natlinear Electronics Co., Ltd.

  LN2053_E Datasheet HTML 1Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 2Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 3Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 4Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 5Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 6Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 7Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 8Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 9Page - Shanghai Natlinear Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LN2053
Rev.1.1 —Aug. 20, 2015
1
www.natlinear.com
1A is compatible with the USB interface, linear battery management chip
■ General Description
The LN2053 is a constant- current / constant- voltage
charger circuit for single cell lithium-ion batteries. The
device includes an internal power transistor, does not need
external current sense resistor and blocking diode in
applications.
LN2053
requires
minimal
external
components, and meet the USB bus specification, is very
suitable for portable applications in the field.
Thermal
modulation
circuit
can
control
the
chip
temperature in a safe range when the device power
dissipation is relatively large or the ambient temperature is
higher. Within a fixed constant charge voltage 4.2V, can
also be adjusted by an external resistor. Charge current set
by an external resistor.
When the input voltage (AC adapter or USB power supply)
power is lost, LN2053 automatically enters a low power
sleep mode, and then the battery current consumption is
less than 3μA. Built-in protection circuits against irrigation,
when the battery voltage is higher than the input voltage,
automatically turn off built-in power MOSFET. Other
features
include
low
input
voltage
latch,
automatic
recharge, the battery temperature protect and charge
status / charge status indication functions.LN2053 uses
thermally enhanced 8-pin small outline package eOP-8.
■ Applications
Mobile phones
Digital cameras
MP4 player
Bluetooth applications
Electronic dictionary
Portable devices
All kinds of charger
■ Features
Programmable charge current up to 1A
No MOSFET, sense resistor or blocking diode
required
Complete linear charger in small package for single
cell lithium-ion batteries
Constant-current/constant-voltage
operation
with
thermal regulation to maximize charge rate without
risk of overheating
Charges single cell li-ion batteries directly from USB
port
Preset 4.2V charge voltage with
1% accuracy, also
can be adjusted by FB
Monitor output charge current
Automatic recharge
Charge status output pin
1/10 charge current termination
25µA supply current in shutdown
2.9V trickle charge threshold
Soft-Start limits inrush current
Output with protection against anti-irrigation
Available in SOP-8 Package
■ Package
 eSOP-8
■ Ordering Information
LN2053①②③④⑤
Designator
Description
Symbol
Description
Type
Y
Have trickle charge
The output voltage of regulator
2
4.2/3.65V
Packaging Types
S
eSOP-8
Device Orientation
R
Standard feed
L
Reverse feed


Similar Part No. - LN2053_E

ManufacturerPart #DatasheetDescription
logo
Shanghai Natlinear Elec...
LN2054_E NATLINEAR-LN2054_E Datasheet
311Kb / 10P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation
Feb. 24, 2016
More results

Similar Description - LN2053_E

ManufacturerPart #DatasheetDescription
logo
SHOUDING Shouding Semic...
SD8079 SHOUDING-SD8079 Datasheet
1Mb / 7P
Programmable voltage and current linear battery management chip
logo
Shenzhen Huazhimei Semi...
HM4059 HMSEMI-HM4059 Datasheet
810Kb / 9P
Programmable voltage and current linear battery management chip
HM4054R HMSEMI-HM4054R Datasheet
1Mb / 10P
Monolithic miniature linear battery management chip
HM5159B HMSEMI-HM5159B Datasheet
1Mb / 11P
Monolithic miniature linear battery management chip
HM4056C HMSEMI-HM4056C Datasheet
708Kb / 9P
1.0A Linear battery management chip compatible with USB interface
HM4055 HMSEMI-HM4055 Datasheet
1,005Kb / 10P
Monolithic miniature linear battery management chip with thermal regulation function
HM4054C HMSEMI-HM4054C Datasheet
963Kb / 10P
Monolithic miniature linear battery management chip with thermal regulation function
logo
AiT Semiconductor Inc.
A4051 AITSEMI-A4051 Datasheet
416Kb / 9P
BATTERY MANAGEMENT 1A LINEAR LI-ION BATTERY CHARGER
REV1.5
A4052 AITSEMI-A4052 Datasheet
459Kb / 11P
BATTERY MANAGEMENT 1A IS COMPATIBLE WITH THE USB INTERFACE, LINEAR BATTERY MANAGEMENT CHIP
REV1.0
logo
Guangdong Youtai Semico...
TP4054 UMW-TP4054 Datasheet
668Kb / 11P
Micro Linear Battery Management Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com