Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LN2053_E Datasheet(PDF) 3 Page - Shanghai Natlinear Electronics Co., Ltd.

Part # LN2053_E
Description  1A is compatible with the USB interface, linear battery management chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NATLINEAR [Shanghai Natlinear Electronics Co., Ltd.]
Direct Link  http://www.natlinear.com/en/index/index
Logo NATLINEAR - Shanghai Natlinear Electronics Co., Ltd.

LN2053_E Datasheet(HTML) 3 Page - Shanghai Natlinear Electronics Co., Ltd.

  LN2053_E Datasheet HTML 1Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 2Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 3Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 4Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 5Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 6Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 7Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 8Page - Shanghai Natlinear Electronics Co., Ltd. LN2053_E Datasheet HTML 9Page - Shanghai Natlinear Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LN2053
Rev.1.1 —Aug. 20, 2015
3
www.natlinear.com
■ Pin Function
TS (Pin 1): The TS pin to the battery of the NTC sensor output. If the TS pin voltage is less than the input voltage of 30%
or greater than 60% of the input voltage means the battery temperature is too low or too high, then the charge will be
suspended. If the TS input voltage between 30% and 60%, then the battery fault condition will be cleared, the charge will
continue. Battery temperature sensing feet, when not use , please contact GND.
ISET (Pin 2): Charge current programming, charge current monitoring and close pin. Charge current is controlled by a
resistor of precision of 1%to the ground. In the constant charge current state, this port provides 1V voltage. In all conditions,
this port charge current can be calculated using the following formula:
IBAT = (VISET/RISET) ×1250
ISET port can also be used to turn off the charger. Resistance to side with the separation of programming can pull the 3µA
current source to increase ISET port voltage. When the suspension reached the limit voltage 1.21V, the device enters stop
state, after charging the input current drop to 25µA. This port pinch-off voltage is about 2.4V. If supply this port voltage
more than pinch-off voltage, the current will be 1.5 mA. Through combinating ISET pin to the ground, the charger will back
to normal.
GND (Pin 3): Ground terminal
VIN (Pin 4): Supply positive input voltage. Power supply for the charger. VCC can be 4.25V to 6.5V and must have at least
1F bypass capacitor. If the BAT pin voltage of VCC down to within 30 mV, LN2052 into the suspension state, and make
BAT Current less than 2A.
BAT (Pin 5): Make the battery's positive terminal connected to this pin. When the power supply voltage lower than the
threshold latch voltage or sleep mode voltage, BAT pin current is less than 2
μA. BAT pin provide the battery charge current
and constant voltage charging voltage.
DONE (Pin 6): When charging end, DONE pin is pulled low by internal switch represents that charge has ended;
otherwise DONE pin is high impedance state.
CHRG (Pin 7): When the charger to the battery charging, CHRG pin is pulled low by the internal switch,represents
charging being; otherwise CHRG pin is in high impedance state.
FB (Pin 8): This pin foot iron phosphate power battery access. When FB and BAT shorted, the output is 3.65V. If connect a
resistor between the FB pin and BAT pin, constant charging voltage can be adjusted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com