Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA316-RX Datasheet (PDF) - NiceRF Wireless Technology Co., Ltd.

SA316-RX Datasheet PDF - NiceRF Wireless Technology Co., Ltd.
Part # SA316-RX
Download  SA316-RX Download
File Size   1204.31 Kbytes
Page   13 Pages
Manufacturer  G-NICE [NiceRF Wireless Technology Co., Ltd.]
Direct Link  https://www.nicerf.com/
Logo G-NICE - NiceRF Wireless Technology Co., Ltd.
Description Small size, stamp-hole design for embedding

SA316-RX Datasheet (PDF)

Go To PDF Page Download Datasheet
SA316-RX Datasheet PDF - NiceRF Wireless Technology Co., Ltd.

Part # SA316-RX
Download  SA316-RX Click to download

File Size   1204.31 Kbytes
Page   13 Pages
Manufacturer  G-NICE [NiceRF Wireless Technology Co., Ltd.]
Direct Link  https://www.nicerf.com/
Logo G-NICE - NiceRF Wireless Technology Co., Ltd.
Description Small size, stamp-hole design for embedding

SA316-RX Datasheet (HTML) - NiceRF Wireless Technology Co., Ltd.


SA316-RX Product details

2. Features
 UHF frequency band:500MHz/868/915MHz
UHF frequency band:450~980 MHz
VHF frequency band:160~270 MHz
 SA316F30-TX Open Area Transmission
Distance:1500 meters
 SA316S-TX Open Area Transmission
Distance: 200 meters
 Receiving sensitivity: 96 dBm
 Audio signal to noise ratio: 86 dB
 Frequency response: 30 Hz-20 KHz
 The delay from microphone input to audio
output is 49ms
 Digital modulation method: pi/4 DQPSK
 Occupied bandwidth: <300 KHz
 Transmission rate 204.8 Ksps
 Sampling rate: 48 KHz
3. Applications
 Wired speakers to wireless
speakers
 wireless microphone
 Wireless Headphones
 High-quality wireless audio transmission




Similar Part No. - SA316-RX

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA310 APEX-SA310 Datasheet
1Mb / 10P
Evaluation Kit
Rev A
logo
Infinite Electronics In...
SA3101N FAIRVIEW-SA3101N Datasheet
211Kb / 2P
1.7 to 31 dB Step Attenuator With a 1 dB Step N Female Connectors Rated Up To 2.7 GHz and Up to 2 Watts in a Dial Design
SA3101SMA FAIRVIEW-SA3101SMA Datasheet
214Kb / 2P
1.7 to 31 dB Step Attenuator With a 1 dB Step SMA Female (Jack) Connectors Rated Up To 2.7 GHz and Up to 2 Watts in a Dial, 1.6 VSWR
logo
Cirrus Logic
SA310KR APEX-SA310KR Datasheet
1Mb / 10P
Evaluation Kit
Rev A
logo
Bulgin Limited. All rig...
SA3147 BULGINLIMITED-SA3147 Datasheet
304Kb / 4P
Mini Buccaneer
More results


Similar Description - SA316-RX

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JDV2S36E TOSHIBA-JDV2S36E Datasheet
142Kb / 3P
Useful for small size tuner.
logo
Seoul Semiconductor
YG104-IC1 SEOUL-YG104-IC1 Datasheet
276Kb / 13P
Small size suitable for compact
logo
Laird Tech Smart Techno...
S2408PC12NF LSTD-S2408PC12NF Datasheet
254Kb / 1P
Small compact design
S2408P12NF LSTD-S2408P12NF Datasheet
263Kb / 1P
Small compact design
logo
Toshiba Semiconductor
1SV328 TOSHIBA-1SV328 Datasheet
90Kb / 3P
Useful for small size tuner
1SV329 TOSHIBA-1SV329 Datasheet
91Kb / 3P
Useful for small size tuner
logo
PHOENIX CONTACT
SL-Z0011 PHOENIX-SL-Z0011 Datasheet
46Kb / 2P
Crimping stamp
SL-Z0014 PHOENIX-SL-Z0014 Datasheet
46Kb / 2P
Crimping stamp
SL-Z0015 PHOENIX-SL-Z0015 Datasheet
46Kb / 2P
Crimping stamp
logo
List of Unclassifed Man...
1838T ETC2-1838T Datasheet
361Kb / 6P
Small design;
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com