Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA316-RX Datasheet(PDF) 1 Page - NiceRF Wireless Technology Co., Ltd.

Part # SA316-RX
Description  Small size, stamp-hole design for embedding
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  G-NICE [NiceRF Wireless Technology Co., Ltd.]
Direct Link  https://www.nicerf.com/
Logo G-NICE - NiceRF Wireless Technology Co., Ltd.

SA316-RX Datasheet(HTML) 1 Page - NiceRF Wireless Technology Co., Ltd.

  SA316-RX Datasheet HTML 1Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 2Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 3Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 4Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 5Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 6Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 7Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 8Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 9Page - NiceRF Wireless Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.nicerf.com
SA316S
NiceRF Wireless Technology Co., Ltd.
Rev 1.8
- 1 -
sales@nicerf.com
●
Small size, stamp-hole design for embedding
●
Wireless high-fidelity audio, up to 48kHz sampling
●
Low latency, 49ms from mic input to output
●
32-bit encrypted data transmission
Product Specification


Similar Part No. - SA316-RX

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA310 APEX-SA310 Datasheet
1Mb / 10P
Evaluation Kit
Rev A
logo
Infinite Electronics In...
SA3101N FAIRVIEW-SA3101N Datasheet
211Kb / 2P
1.7 to 31 dB Step Attenuator With a 1 dB Step N Female Connectors Rated Up To 2.7 GHz and Up to 2 Watts in a Dial Design
SA3101SMA FAIRVIEW-SA3101SMA Datasheet
214Kb / 2P
1.7 to 31 dB Step Attenuator With a 1 dB Step SMA Female (Jack) Connectors Rated Up To 2.7 GHz and Up to 2 Watts in a Dial, 1.6 VSWR
logo
Cirrus Logic
SA310KR APEX-SA310KR Datasheet
1Mb / 10P
Evaluation Kit
Rev A
logo
Bulgin Limited. All rig...
SA3147 BULGINLIMITED-SA3147 Datasheet
304Kb / 4P
Mini Buccaneer
More results

Similar Description - SA316-RX

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JDV2S36E TOSHIBA-JDV2S36E Datasheet
142Kb / 3P
Useful for small size tuner.
logo
Seoul Semiconductor
YG104-IC1 SEOUL-YG104-IC1 Datasheet
276Kb / 13P
Small size suitable for compact
logo
Laird Tech Smart Techno...
S2408PC12NF LSTD-S2408PC12NF Datasheet
254Kb / 1P
Small compact design
S2408P12NF LSTD-S2408P12NF Datasheet
263Kb / 1P
Small compact design
logo
Toshiba Semiconductor
1SV328 TOSHIBA-1SV328 Datasheet
90Kb / 3P
Useful for small size tuner
1SV329 TOSHIBA-1SV329 Datasheet
91Kb / 3P
Useful for small size tuner
logo
PHOENIX CONTACT
SL-Z0011 PHOENIX-SL-Z0011 Datasheet
46Kb / 2P
Crimping stamp
SL-Z0014 PHOENIX-SL-Z0014 Datasheet
46Kb / 2P
Crimping stamp
SL-Z0015 PHOENIX-SL-Z0015 Datasheet
46Kb / 2P
Crimping stamp
logo
List of Unclassifed Man...
1838T ETC2-1838T Datasheet
361Kb / 6P
Small design;
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com