Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA316-RX Datasheet(PDF) 10 Page - NiceRF Wireless Technology Co., Ltd.

Part # SA316-RX
Description  Small size, stamp-hole design for embedding
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  G-NICE [NiceRF Wireless Technology Co., Ltd.]
Direct Link  https://www.nicerf.com/
Logo G-NICE - NiceRF Wireless Technology Co., Ltd.

SA316-RX Datasheet(HTML) 10 Page - NiceRF Wireless Technology Co., Ltd.

Back Button SA316-RX Datasheet HTML 5Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 6Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 7Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 8Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 9Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 10Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 11Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 12Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 13Page - NiceRF Wireless Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.nicerf.com
SA316S
NiceRF Wireless Technology Co., Ltd.
Rev 1.8
- 10 -
sales@nicerf.com
10.Pin definition
Pin NO. Pin name
I/O
Level standard
Description
1
ANT
0
RF signal output, connect to 50 ohm antenna
2、6、
7、10、
12、17
GND
0V
Connect to the negative pole of the power supply
3
GPIO0
I/O
0-3.3V
The GPIO0 of the built-in audio chip can be
configured as LRCK when using I2S mode
4
GPIO1
I/O
0-3.3V
The GPIO1 of the built-in audio chip can be
configured as SCK when using I2S mode
5
GPIO2
I/O
0-3.3V
The GPIO2 of the built-in audio chip can be
configured as MCLK when using I2S mode
8
MIC_N
I
Negative end of microphone input, connect to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com