Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA316-RX Datasheet(PDF) 3 Page - NiceRF Wireless Technology Co., Ltd.

Part # SA316-RX
Description  Small size, stamp-hole design for embedding
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  G-NICE [NiceRF Wireless Technology Co., Ltd.]
Direct Link  https://www.nicerf.com/
Logo G-NICE - NiceRF Wireless Technology Co., Ltd.

SA316-RX Datasheet(HTML) 3 Page - NiceRF Wireless Technology Co., Ltd.

  SA316-RX Datasheet HTML 1Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 2Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 3Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 4Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 5Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 6Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 7Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 8Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 9Page - NiceRF Wireless Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.nicerf.com
SA316S
NiceRF Wireless Technology Co., Ltd.
Rev 1.8
- 3 -
sales@nicerf.com
1. Overview
The SA316 series products are divided into transmitter modules SA316S-TX, SA316F30, and receiver
module SA316-RX. This series uses a wireless high-quality voice transmission chip for its design. It
can support external PCM / IIS dual-mode digital audio interfaces, and provides customers with a
standardized serial interface. Users can quickly and easily set the module's transceiver frequency,
volume, microphone gain, and other parameters through serial port commands, which is widely used
in situations that require high sound quality.
2. Features
UHF frequency band:500MHz/868/915MHz
UHF frequency band:450~980 MHz
VHF frequency band:160~270 MHz
SA316F30-TX Open Area Transmission
Distance:1500 meters
SA316S-TX Open Area Transmission
Distance: 200 meters
Receiving sensitivity: 96 dBm
Audio signal to noise ratio: 86 dB
Frequency response: 30 Hz-20 KHz
The delay from microphone input to audio
output is 49ms
Digital modulation method: pi/4 DQPSK
Occupied bandwidth: <300 KHz
Transmission rate 204.8 Ksps
Sampling rate: 48 KHz
3. Applications
Wired speakers to wireless
speakers
wireless microphone
Wireless Headphones
High-quality wireless audio transmission
4. Typical application circuit
SA316S-TX block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com