Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA316-RX Datasheet(PDF) 6 Page - NiceRF Wireless Technology Co., Ltd.

Part # SA316-RX
Description  Small size, stamp-hole design for embedding
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  G-NICE [NiceRF Wireless Technology Co., Ltd.]
Direct Link  https://www.nicerf.com/
Logo G-NICE - NiceRF Wireless Technology Co., Ltd.

SA316-RX Datasheet(HTML) 6 Page - NiceRF Wireless Technology Co., Ltd.

Back Button SA316-RX Datasheet HTML 2Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 3Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 4Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 5Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 6Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 7Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 8Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 9Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 10Page - NiceRF Wireless Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.nicerf.com
SA316S
NiceRF Wireless Technology Co., Ltd.
Rev 1.8
- 6 -
sales@nicerf.com
7.Voltage and Power Correspondence Chart (SA316F30)
Supply
voltage(V)
500MHz
860MHz
Power(dBm)
Current(mA) Power(dBm) Current(mA)
5.0
30.1
626
29.6
640
4.5
28.5
583
28.7
612
4.0
27.4
546
28.0
581
3.5
26.5
488
26.9
519
3.0
24.0
345
22.0
315
8.Product configuration description
1)Version:Firmware Version of module 1.2
2)Channel:1-16channel can be chose
External power supply is required for configuring channels of SA316.
Each frequency band is divided into 16 channels, with a difference of 1MHz between adjacent channels.
The specific corresponding frequencies are shown in the table below:
frequency band
channel
1
2
3
4
5
6
7
8
500-515
frequency
500
501
502
503
504
505
506
507
channel
9
10
11
12
13
14
15
16
frequency
508
509
510
511
512
513
514
515
frequency band
channel
1
2
3
4
5
6
7
8
852-867
frequency
852
853
854
855
856
857
858
859
channel
9
10
11
12
13
14
15
16
frequency
860
861
862
863
864
865
866
867
3)Output Power: 0-10dBm ; default: 10dBm
4)Input Source: MIC or IIS; default: MIC
5)Format: when use IIS , you can choose High Bits or Low Bits
6)Net ID: you can set ID of each module
7)Volume: high low of voice, default: 18%(If the receiver volume is set to 100%, the transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com