Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA316-RX Datasheet(PDF) 5 Page - NiceRF Wireless Technology Co., Ltd.

Part # SA316-RX
Description  Small size, stamp-hole design for embedding
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  G-NICE [NiceRF Wireless Technology Co., Ltd.]
Direct Link  https://www.nicerf.com/
Logo G-NICE - NiceRF Wireless Technology Co., Ltd.

SA316-RX Datasheet(HTML) 5 Page - NiceRF Wireless Technology Co., Ltd.

  SA316-RX Datasheet HTML 1Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 2Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 3Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 4Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 5Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 6Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 7Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 8Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 9Page - NiceRF Wireless Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.nicerf.com
SA316S
NiceRF Wireless Technology Co., Ltd.
Rev 1.8
- 5 -
sales@nicerf.com
Audio transmission and reception
delay
49
ms
Serial port baud rate
9600
bps
Current consumption
Sleep current(SA316-RX)
< 0.4
mA
Sleep current
SA316S-TX
5
10
uA
SA316F30
< 1.6
mA
Receive current(SA316-RX)
@VCC=3.3V
< 115
mA
Transmit Current(SA316S-TX)
@ During Transmission
< 100
mA
@Not Transmitting
< 54
mA
Transmit Current(SA316F30-TX)
@During Transmission,5v
< 700
mA
@Not Transmitting,5v
< 60
mA
Transmit parameter
Transmit power
@SA316S-TX,
VCC=3.3V
9
10
11
dBm
@SA316F30-TX,
VCC=5.0V
29
30
31
dBm
Emission bandwidth(BW)
300
KHz
Adjacent channel power ratio
(
ACPR)
@600KHZ
-60
dBc
Maximum microphone input voltage
0.1
1.0
Vrm
s
Audio frequency response range
30
20k
Hz
Receive parameters
Receiving sensitivity
-96
dBm
Audio output amplitude
(differential)
400
mVr
ms
Audio output drive resistance
600
Ohm
Signal to Noise Ratio (SNR)
@1KHz
86
dB
Total harmonic distortion (THD)
@48KSampling Rate
0.07
%
6. Power Level Correspondence Table (SA316F30)
Power Levels
500MHz
860MHz
Power(dBm)
Current(mA) Power(dBm)
Current(mA)
0
22.7
418
24.1
380
2
24.6
437
25.8
418
4
27.0
486
27.7
505
6
28.1
521
28.5
562
8
30.0
601
29.2
649
10
30.1
627
29.8
675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com