Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA316-RX Datasheet(PDF) 4 Page - NiceRF Wireless Technology Co., Ltd.

Part # SA316-RX
Description  Small size, stamp-hole design for embedding
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  G-NICE [NiceRF Wireless Technology Co., Ltd.]
Direct Link  https://www.nicerf.com/
Logo G-NICE - NiceRF Wireless Technology Co., Ltd.

SA316-RX Datasheet(HTML) 4 Page - NiceRF Wireless Technology Co., Ltd.

  SA316-RX Datasheet HTML 1Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 2Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 3Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 4Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 5Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 6Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 7Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 8Page - NiceRF Wireless Technology Co., Ltd. SA316-RX Datasheet HTML 9Page - NiceRF Wireless Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.nicerf.com
SA316S
NiceRF Wireless Technology Co., Ltd.
Rev 1.8
- 4 -
sales@nicerf.com
SA316F30-TX block diagram
SA316-RX block diagram
5. Electrical Characteristics
Due to the high heat generationit is recommended that the transmission time should not exceed 5 minutes
when the SA316F30-TX module is transmitting frequently. If continuous transmission is necessary, the module
will disconnect for 500ms after transmitting 5 minutes, and then it can continue to transmit uninterrupted
thereafter.
Parameter
Test Conditions
Min.
Typ.
Max. Unit
Operating voltage range
@SA316S-TX,
SA316-RX
2.8
3.3
3.6
V
@SA316F30
3.3
4.0
5.0
Range of working temperature
-20
25
60
℃
Operating frequency range
@UHF
500
540
MHz
800
890
MHz
890
980
MHz
@VHF
160
270
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com