Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA326-RX Datasheet (PDF) - NiceRF Wireless Technology Co., Ltd.

SA326-RX Datasheet PDF - NiceRF Wireless Technology Co., Ltd.
Part # SA326-RX
Download  SA326-RX Download
File Size   3072.61 Kbytes
Page   13 Pages
Manufacturer  G-NICE [NiceRF Wireless Technology Co., Ltd.]
Direct Link  https://www.nicerf.com/
Logo G-NICE - NiceRF Wireless Technology Co., Ltd.
Description SA326 High Fidelity Wireless Audio Module

SA326-RX Datasheet (PDF)

Go To PDF Page Download Datasheet
SA326-RX Datasheet PDF - NiceRF Wireless Technology Co., Ltd.

Part # SA326-RX
Download  SA326-RX Click to download

File Size   3072.61 Kbytes
Page   13 Pages
Manufacturer  G-NICE [NiceRF Wireless Technology Co., Ltd.]
Direct Link  https://www.nicerf.com/
Logo G-NICE - NiceRF Wireless Technology Co., Ltd.
Description SA326 High Fidelity Wireless Audio Module

SA326-RX Datasheet (HTML) - NiceRF Wireless Technology Co., Ltd.


SA326-RX Product details

2. Features
 UHF frequency band:500MHz/868/915MHz
UHF frequency band:500~980 MHz
VHF frequency band:160~270 MHz
 SA326F30-TX Transmission
Distance:1500 meters in the open area
 SA326S-TX Transmission Distance:
200 meters in the open area
 Receiving sensitivity: -96 dBm
Audio signal to noise ratio: 86 dB
 Frequency response: 30Hz-20 KHz
 The delay from microphone input to audio
output is 49ms
 Digital modulation method: pi/4 DQPSK
 Occupied bandwidth: <300 KHz
 Transmission rate 204.8 Ksps
 Sampling rate: 48 KHz
3. Applications
 Wired speakers become wireless speakers
 wireless microphone
 Wireless Headphones
 High-quality wireless audio transmission




Similar Part No. - SA326-RX

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA32-11SRWA KINGBRIGHT-SA32-11SRWA Datasheet
61Kb / 3P
8mm (0.32INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
Synology Inc.
SA3200D SYNOLOGY-SA3200D Datasheet
766Kb / 8P
SA3200D
logo
ON Semiconductor
SA3229 ONSEMI-SA3229 Datasheet
128Kb / 16P
Preconfigured DSP System
May, 2016 ??Rev. 0
logo
Bulgin Limited. All rig...
SA3229 BULGINLIMITED-SA3229 Datasheet
304Kb / 4P
Mini Buccaneer
logo
ON Semiconductor
SA3229-E1 ONSEMI-SA3229-E1 Datasheet
128Kb / 16P
Preconfigured DSP System
May, 2016 ??Rev. 0
More results


Similar Description - SA326-RX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
Dual High Fidelity Audio Operational Amplifier
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
High Performance, High Fidelity Audio Operational Amplifier
logo
List of Unclassifed Man...
RWS-AUDIO24 ETC2-RWS-AUDIO24 Datasheet
275Kb / 4P
High Efficiency Digital Wireless Audio Receiver Module
TWS-AUDIO24 ETC2-TWS-AUDIO24 Datasheet
681Kb / 4P
High Efficiency Digital Wireless Audio Transmitter Module
WS-AUDIO24-0005-TX ETC2-WS-AUDIO24-0005-TX Datasheet
1Mb / 24P
Wireless Audio core Module
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
High-Performance, High-Fidelity Audio Operational Amplifier
LME49723 TI1-LME49723 Datasheet
1Mb / 26P
Dual High Fidelity Audio Operational Amplifier
logo
Dialog Semiconductor
SC14WAMDECT-SF DIALOG-SC14WAMDECT-SF Datasheet
600Kb / 36P
Wireless Audio Module
SC14WAMDECT DIALOG-SC14WAMDECT Datasheet
600Kb / 36P
Wireless Audio Module
logo
Renesas Technology Corp
SC14WAMDECT RENESAS-SC14WAMDECT Datasheet
834Kb / 37P
Wireless Audio Module FINAL
05-Jan-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com