Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA326-RX Datasheet(PDF) 7 Page - NiceRF Wireless Technology Co., Ltd.

Part # SA326-RX
Description  SA326 High Fidelity Wireless Audio Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  G-NICE [NiceRF Wireless Technology Co., Ltd.]
Direct Link  https://www.nicerf.com/
Logo G-NICE - NiceRF Wireless Technology Co., Ltd.

SA326-RX Datasheet(HTML) 7 Page - NiceRF Wireless Technology Co., Ltd.

Back Button SA326-RX Datasheet HTML 3Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 4Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 5Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 6Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 7Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 8Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 9Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 10Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 11Page - NiceRF Wireless Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.nicerf.com
SA326
NiceRF Wireless Technology Co., Ltd.
Rev 1.7
- 7 -
sales@nicerf.com
volume is set too high, the receiver's output volume may become distorted due to saturation.)
8)Signal Strength Threshold: Sound volume preset value. When the emitted sound is larger
than this value, it can be emitted. the smaller the more sensitive.(If the threshold is set below
55%, it will continuously transmit upon power-on. If it is set between 56% and 80%, it will
transmit continuously when the input signal exceeds 50mV Vpp. If it is set above 80%, the
input signal must exceed 180mV Vpp for continuous transmission.)
1)Version: Firmware Version of module 1.4
2)Channel: 1-16channel can be chose
The channel that configures SA326 needs external power supply.
Each frequency band is divided into 16 channels, with a difference of 1MHz between adjacent
channels. The specific corresponding frequencies are shown in the table below:
frequency band
channel
1
2
3
4
5
6
7
8
500-515
frequency
500
501
502
503
504
505
506
507
channel
9
10
11
12
13
14
15
16
frequency
508
509
510
511
512
513
514
515
frequency band
channel
1
2
3
4
5
6
7
8
852-867
frequency
852
853
854
855
856
857
858
859
channel
9
10
11
12
13
14
15
16
frequency
860
861
862
863
864
865
866
867
3)Anti-Howl: There will be noise when the microphone and speaker are close together.Default OFF.
4)Input Source: MIC or IIS; default:MIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com