Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA326-RX Datasheet(PDF) 3 Page - NiceRF Wireless Technology Co., Ltd.

Part # SA326-RX
Description  SA326 High Fidelity Wireless Audio Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  G-NICE [NiceRF Wireless Technology Co., Ltd.]
Direct Link  https://www.nicerf.com/
Logo G-NICE - NiceRF Wireless Technology Co., Ltd.

SA326-RX Datasheet(HTML) 3 Page - NiceRF Wireless Technology Co., Ltd.

  SA326-RX Datasheet HTML 1Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 2Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 3Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 4Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 5Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 6Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 7Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 8Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 9Page - NiceRF Wireless Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.nicerf.com
SA326
NiceRF Wireless Technology Co., Ltd.
Rev 1.7
- 3 -
sales@nicerf.com
1. Overview
The SA326 series products are divided into transmitter modules SA326-TX, SA326F30-TX, and
receiver module SA326-RX. This product is an application board for the SA316-TX, SA316F30-TX,
and SA316-RX modules. It can operate immediately after power-on and be directly set the module’s
frequency, volume, and other parameters using PC software, greatly simplifying the development
process for users. This product is widely used in applications that require high sound quality.
2. Features
UHF frequency band:500MHz/868/915MHz
UHF frequency band:500~980 MHz
VHF frequency band:160~270 MHz
SA326F30-TX Transmission
Distance:1500 meters in the open area
SA326S-TX Transmission Distance:
200 meters in the open area
Receiving sensitivity: -96 dBm
Audio signal to noise ratio: 86 dB
Frequency response: 30Hz-20 KHz
The delay from microphone input to audio
output is 49ms
Digital modulation method: pi/4 DQPSK
Occupied bandwidth: <300 KHz
Transmission rate 204.8 Ksps
Sampling rate: 48 KHz
3. Applications
Wired speakers become wireless speakers
wireless microphone
Wireless Headphones
High-quality wireless audio transmission
4. Internal block diagram
SA326-TX block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com