Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA326-RX Datasheet(PDF) 10 Page - NiceRF Wireless Technology Co., Ltd.

Part # SA326-RX
Description  SA326 High Fidelity Wireless Audio Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  G-NICE [NiceRF Wireless Technology Co., Ltd.]
Direct Link  https://www.nicerf.com/
Logo G-NICE - NiceRF Wireless Technology Co., Ltd.

SA326-RX Datasheet(HTML) 10 Page - NiceRF Wireless Technology Co., Ltd.

Back Button SA326-RX Datasheet HTML 5Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 6Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 7Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 8Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 9Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 10Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 11Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 12Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 13Page - NiceRF Wireless Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.nicerf.com
SA326
NiceRF Wireless Technology Co., Ltd.
Rev 1.7
- 10
-
sales@nicerf.com
SA326F30-TX
Pin NO.
Pin name
I/O
Level
standard
Description
1,2,8,12,18
GND
0
Connect the negative pole of the power supply
3
NC
4
1
I
0-3.3V
Frequency 16 channel 8421 encoding, the first digit, default "1"
output
5
2
I
0-3.3V
Frequency 16-channel 8421 encoding, the second bit, default "1"
output
6
4
I
0-3.3V
Frequency 16 channel 8421 encoding, the 4th bit, default "1"
output
7
8
I
0-3.3V
Frequency 16 channel 8421 encoding, the 8th bit, default "1"
output
9
GPIO4
I/0
0-3.3V
GPIO4 with internal audio chip
10
GPIO3
I/O
0-3.3V
Connect to GPIO3 of SA316F30-TX, it can be configured as
SDIN when using I2S mode
11
VCC
3.3-5V
The positive pole of the external power supply. (Typical value 4V)
13
CS
I
0-5V
Internally connected to the EN of the LDO, pull down the
dormancy, internal pull-up, default "1" output
14
TX_DE
O
0-3.3V
The transmission indicator pin is high when transmitting and low
when not transmitting.
15
GPIO1
I/O
0-3.3V
Internally connected to GPIO1 of SA326F30-TX, when using I2S
mode, it can be configured as SCK
16
GPIO0
I/O
0-3.3V
Internally connected to GPIO0 of SA326F30-TX, when using I2S
mode, it can be configured as LRCK
17
GPIO2
I/O
0-3.3V
Internally connected to GPIO2 of SA326F30-TX
, when using I2S mode, it can be configured as MCLK
19
MIC_N
I
The negative input of the microphone, it can be connected to the
negative pole of the microphone or grounded.
20
MIC_P
I
Microphone input positive terminal, (the best signal is less than
300mVrms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com