Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA326-RX Datasheet(PDF) 1 Page - NiceRF Wireless Technology Co., Ltd.

Part # SA326-RX
Description  SA326 High Fidelity Wireless Audio Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  G-NICE [NiceRF Wireless Technology Co., Ltd.]
Direct Link  https://www.nicerf.com/
Logo G-NICE - NiceRF Wireless Technology Co., Ltd.

SA326-RX Datasheet(HTML) 1 Page - NiceRF Wireless Technology Co., Ltd.

  SA326-RX Datasheet HTML 1Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 2Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 3Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 4Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 5Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 6Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 7Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 8Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 9Page - NiceRF Wireless Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.nicerf.com
SA326
NiceRF Wireless Technology Co., Ltd.
Rev 1.7
- 1 -
sales@nicerf.com
SA326 High Fidelity Wireless Audio Module
●
Small size,Easy to operate,Works upon powering up
●
Wireless high-fidelity audio, up to 48kHz sampling
●
Low latency, 49ms from mic input to output
●
32-bit encrypted data transmission
Product Specification


Similar Part No. - SA326-RX

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA32-11SRWA KINGBRIGHT-SA32-11SRWA Datasheet
61Kb / 3P
8mm (0.32INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
Synology Inc.
SA3200D SYNOLOGY-SA3200D Datasheet
766Kb / 8P
SA3200D
logo
ON Semiconductor
SA3229 ONSEMI-SA3229 Datasheet
128Kb / 16P
Preconfigured DSP System
May, 2016 ??Rev. 0
logo
Bulgin Limited. All rig...
SA3229 BULGINLIMITED-SA3229 Datasheet
304Kb / 4P
Mini Buccaneer
logo
ON Semiconductor
SA3229-E1 ONSEMI-SA3229-E1 Datasheet
128Kb / 16P
Preconfigured DSP System
May, 2016 ??Rev. 0
More results

Similar Description - SA326-RX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
Dual High Fidelity Audio Operational Amplifier
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
High Performance, High Fidelity Audio Operational Amplifier
logo
List of Unclassifed Man...
RWS-AUDIO24 ETC2-RWS-AUDIO24 Datasheet
275Kb / 4P
High Efficiency Digital Wireless Audio Receiver Module
TWS-AUDIO24 ETC2-TWS-AUDIO24 Datasheet
681Kb / 4P
High Efficiency Digital Wireless Audio Transmitter Module
WS-AUDIO24-0005-TX ETC2-WS-AUDIO24-0005-TX Datasheet
1Mb / 24P
Wireless Audio core Module
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
High-Performance, High-Fidelity Audio Operational Amplifier
LME49723 TI1-LME49723 Datasheet
1Mb / 26P
Dual High Fidelity Audio Operational Amplifier
logo
Dialog Semiconductor
SC14WAMDECT-SF DIALOG-SC14WAMDECT-SF Datasheet
600Kb / 36P
Wireless Audio Module
SC14WAMDECT DIALOG-SC14WAMDECT Datasheet
600Kb / 36P
Wireless Audio Module
logo
Renesas Technology Corp
SC14WAMDECT RENESAS-SC14WAMDECT Datasheet
834Kb / 37P
Wireless Audio Module FINAL
05-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com