Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA326-RX Datasheet(PDF) 5 Page - NiceRF Wireless Technology Co., Ltd.

Part # SA326-RX
Description  SA326 High Fidelity Wireless Audio Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  G-NICE [NiceRF Wireless Technology Co., Ltd.]
Direct Link  https://www.nicerf.com/
Logo G-NICE - NiceRF Wireless Technology Co., Ltd.

SA326-RX Datasheet(HTML) 5 Page - NiceRF Wireless Technology Co., Ltd.

  SA326-RX Datasheet HTML 1Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 2Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 3Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 4Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 5Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 6Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 7Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 8Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 9Page - NiceRF Wireless Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.nicerf.com
SA326
NiceRF Wireless Technology Co., Ltd.
Rev 1.7
- 5 -
sales@nicerf.com
5. Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating voltage range
3.3
4.2
5
V
Range of working temperature
-20
25
60
Operating frequency range
@UHF
500
980
MHz
@VHF
160
270
MHz
Audio transmission and reception
delay
49
ms
Serial port baud rate
9600
bps
Current consumption
Sleep current(SA326-RX)
< 45
uA
Sleep current(SA326F30-TX)
< 20
uA
Receive current(SA326-RX)
@VCC=4.2V
< 140
mA
Transmit Current(SA326-TX)
@Not Transmitting
< 75
mA
@ During
Transmission
<120
mA
Emission current(SA326F30-TX)
@Not
Transmitting,5v
< 75
mA
@During
Transmission,5v
30dBm
< 700
mA
Transmit parameter
Transmit power
@VCC=4.2V
9
10
11
dBm
@VCC=5.0V
29
30
31
dBm
transmit power range
@VCC=4.2V
0
10
dBm
@VCC=5.0V
20
30
dBm
Emission bandwidth(BW)
300
KHz
Adjacent channel power ratio(ACPR)
@600KHZ
-60
dBc
Maximum microphone input voltage
0.3
1.5
Vrms
Audio frequency response range
30
20k
Hz
Receive parameters
Receiving sensitivity
-96
dBm
Audio output amplitude (differential)
400
mVrms
Audio output drive resistance
600
Ohm
LOUT+,ROUT+Driving Resistor
16-32
Ohm
SPKP,SPKN Driving Resistor
4-8
Ohm
Signal to Noise Ratio (SNR)
@1KHz,
86
dB
Total harmonic distortion (THD)
@48K Sampling
Rate
0.07
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com