Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA326-RX Datasheet(PDF) 12 Page - NiceRF Wireless Technology Co., Ltd.

Part # SA326-RX
Description  SA326 High Fidelity Wireless Audio Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  G-NICE [NiceRF Wireless Technology Co., Ltd.]
Direct Link  https://www.nicerf.com/
Logo G-NICE - NiceRF Wireless Technology Co., Ltd.

SA326-RX Datasheet(HTML) 12 Page - NiceRF Wireless Technology Co., Ltd.

Back Button SA326-RX Datasheet HTML 5Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 6Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 7Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 8Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 9Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 10Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 11Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 12Page - NiceRF Wireless Technology Co., Ltd. SA326-RX Datasheet HTML 13Page - NiceRF Wireless Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
www.nicerf.com
SA326
NiceRF Wireless Technology Co., Ltd.
Rev 1.7
- 12
-
sales@nicerf.com
9. Power Level Comparison Table (SA326F30)
Power Level
500MHz
860MHz
Power(dBm)
Current(mA)
Power(dBm) Current(mA)
0
22.7
418
24.1
380
2
24.6
437
25.8
418
4
27.0
486
27.7
505
6
28.1
521
28.5
562
8
30.0
601
29.2
649
10
30.1
627
29.8
675
10. Voltage and Power Comparison Chart (SA326F30)
Supply Voltage(V)
500MHz
860MHz
Power(dBm)
Current(mA) Power(dBm) Current(mA)
5.0
30.1
626
29.6
640
4.5
28.5
583
28.7
612
4.0
27.4
546
28.0
581
3.5
26.5
488
26.9
519
3.0
24.0
345
22.0
315
11. Mechanical size (unit:mm)
SA326-TX
SA326-RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com