Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#KD0 Datasheet (PDF) - Renesas Technology Corp

RC19302A00AGNT#KD0 Datasheet PDF - Renesas Technology Corp
Part # RC19302A00AGNT#KD0
Download  RC19302A00AGNT#KD0 Download
File Size   771.88 Kbytes
Page   58 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS

RC19302A00AGNT#KD0 Datasheet (PDF)

Go To PDF Page Download Datasheet
RC19302A00AGNT#KD0 Datasheet PDF - Renesas Technology Corp

Part # RC19302A00AGNT#KD0
Download  RC19302A00AGNT#KD0 Click to download

File Size   771.88 Kbytes
Page   58 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS

RC19302A00AGNT#KD0 Datasheet (HTML) - Renesas Technology Corp


RC19302A00AGNT#KD0 Product details

▪ Very Low Additive Phase Jitter:
• PCIe Gen5 CC: 6.9fs RMS (typ.)
• PCIe Gen6 CC: 4.1fs RMS (typ.)
• PCIe Gen7 CC: 2.9fs RMS (typ.)
• DB2000Q: 11.5fs RMS (typ.)
• 12kHz - 20MHz (156.25MHz): 42.8fs RMS (typ.)
▪ 2:N or dual x 1:N/2 modes (N is number of outputs)
▪ Power Down Tolerant (PDT) inputs
▪ Flexible Startup Sequencing (FSS)
▪ Automatic Clock Parking (ACP) upon loss of
selected CLKIN
▪ Spread-spectrum tolerant
▪ CLKIN accepts HCSL or LVDS signal levels
▪ Dedicated OEb pin per output
▪ -40 to +105°C, 1.8V ± 5% operation
▪ Devices provide:
• Pin or SMBus selectable 34Ω, 85Ω, or 100Ω
differential output impedance
• Pin or SMBus selectable output slew rate
• Pin or SMBus selectable output amplitude
• 9 SMBus addresses plus write protection




Similar Part No. - RC19302A00AGNT#KD0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC19302A00AGNT#KD0 RENESAS-RC19302A00AGNT#KD0 Datasheet
1Mb / 62P
PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
Rev.1.06 May 11, 2026
More results


Similar Description - RC19302A00AGNT#KD0

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DML04 IDT-9DML04 Datasheet
301Kb / 13P
2:4 3.3V PCIe Clock Mux
9DML0441 IDT-9DML0441 Datasheet
238Kb / 10P
2:4 3.3V PCIe Clock Mux
9DMV0141 IDT-9DMV0141_17 Datasheet
228Kb / 10P
2:1 1.8V PCIe Gen1-2-3 Clock Mux
logo
Renesas Technology Corp
9DMU0131 RENESAS-9DMU0131 Datasheet
2Mb / 11P
2:1 1.5V PCIe Gen1-2-3 Clock Mux
09/30/14
9DMV0131B RENESAS-9DMV0131B Datasheet
535Kb / 13P
2:1 1.8V PCIe Gen1–5 Clock Mux
May 25, 2021
9DMV0141 RENESAS-9DMV0141 Datasheet
579Kb / 13P
2:1 1.8V PCIe Gen1-2-3 Clock Mux with Zo=100ohms
AUGUST 15, 2017
9DMV0431 RENESAS-9DMV0431 Datasheet
2Mb / 13P
2:4 1.8V PCIe Gen1-2-3 Clock Mux
01/26/15
9DMV0441 RENESAS-9DMV0441 Datasheet
2Mb / 13P
2:4 1.8V PCIe Gen1-2-3 Clock Mux w/Zo=100ohms
01/26/15
RC190XX RENESAS-RC190XX Datasheet
2Mb / 109P
PCIe Gen5/6 Fanout Buffer Family with LOS
Dec 1, 2022
RC192XX RENESAS-RC192XX Datasheet
1Mb / 59P
PCIe Gen5/6 2-Input Clock Mux Family with LOS
Nov 17, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com