Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#KD0 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RC19302A00AGNT#KD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#KD0 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RC19302A00AGNT#KD0 Datasheet HTML 1Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 2Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 3Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 4Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 5Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 6Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 7Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 8Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 4
May 11, 2026
RC193xx Datasheet
1. Pin Information
1.1
Signal Types
1.2
Detailed Block Diagram
Figure 2. RC1930x Detailed Block Diagram
Term
Description
I
Input
O
Input
OD
Open Drain Output
I/O
Bi-Directional
PD
Pull-down
PU
Pull-up
Z
Tristate
D
Driven
X
Don’t care
SE
Single-ended
DIF
Differential
PWR
3.3 V power
GND
Ground
PDT
Power Down Tolerant: These signals tolerate being driven when the device
is powered down (VDD is not present).
PWRGD_PWRDNb
Ban k 1
16
SDATA
SCLK
OEb[7:0]
SADR_TRI[1:0]
ZOUTSEL_tri
Clock
Detect
LOS b
Control Logic
0
M
1
0
M
1
CLKSE L_tri
CLKb4
CLK4
CLK7
CLKb7
CLKIN0
CLKINb 0
CLKIN1
CLKINb1
8 outputs in 2 banks
2
Bank 0
CLKb0
CLK0
CLK3
CLKb3
SMBus
Inte rface
OTP
8
SLE WRATE_SEL
AMPLITUDE_SEL
Note 1, 2
Note 1
Note 1, 3
Note 1, 4
Note 1: RC19302 does not have these pins.
Note 2: RC19304, RC19304A100 do not have these pins.
Note 3: RC19308, RC19304 only.
Note 4: RC19308A100, RC19304A100 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com