Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#KD0 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # RC19302A00AGNT#KD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#KD0 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#KD0 Datasheet HTML 31Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 32Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 33Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 34Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 35Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 36Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 37Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 38Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 35
May 11, 2026
RC193xx Datasheet
4.5.3
LOS_CONFIG
Loss of Signal and Async Mode Configuration Register.
1
rb_oeb_1
RO
0x0
State of OEb1 pin. The default pin state is 1 if not driven to a 0.
0 = Pin low
1 = Pin high
0
rb_oeb_0
RO
0x0
State of OEb0 pin. The default pin state is 1 if not driven to a 0.
0 = Pin low
1 = Pin high
LOS_CONFIG Bit Field Descriptions
Bit Field
Field Name
Field
Type
Default
Value
Description
7
los1b_rw1c_en
RW
0x1
LOS sticky bit enable for CLKIN1. Enables the CLKIN1 LOS sticky bit
(B0x27[1]). This bit must be set to 1 if B0x4[2] is set to 0.
0 = Disable
1 = Enable
6
los0b_rw1c_en
RW
0x1
LOS sticky bit enable for CLKIN0. Enables the CLKIN0 LOS sticky bit
(B0x27[1]). This bit must be set to 1 if B0x4[2] is set to 0.
0 = Disable
1 = Enable
5
los1b_acp1_enable
RW
0x1
Automatic clock parking enable for bank 1. Enables Automatic Clock Parking
of bank 1 (CLK[7:4]) outputs to a low/low state when LOS condition occurs.
0 = Disable
1 = Enable
4
los0b_acp0_enable
RW
0x1
Automatic clock parking enable for bank 0. Enables Automatic Clock Parking
of bank 0 (CLK[3:0]) outputs to a low/low state when LOS condition occurs.
0 = Disable
1 = Enable
3
los1b_config
RW
0x1
Configure LOSb pin operating mode for CLKIN1. Determines if the LOSb pin is
real-time or sticky. If sticky, the LOSb pin is driven by the LOS1b RW1C sticky
bit.
0 = LOSb from bank 1 RW1C sticky bit
1 = LOSb real-time
2
los0b_config
RW
0x1
Configure LOSb pin operating mode for CLKIN0. Determines if the LOSb pin is
real-time or sticky. If sticky, the LOSb pin is driven by the LOS0b RW1C sticky
bit.
0 = LOSb from bank 0 RW1C sticky bit
1 = LOSb real-time
1
reserved
RW
0x0
Reserved
0
async_mode
RW
0x0
Enable asynchronous operating mode. SYNC mode is the normal mode of
operation, where the input clock is continuous. Outputs stop and start in a
glitch free manner. ASYNC mode is used when the input is a pulse instead of a
clock. All glitch-free synchronization circuits are bypassed, minimizing the
latency through the device. ASYNC mode cannot be used with LOS or ACP.
B0x4[6] and B0x4[4] must be set to 0 if ASYNC mode is used.
0 = SYNC mode, glitch-free outputs
1 = ASYNC mode, non-glitch-free outputs
OEB_PIN_READBACK Bit Field Descriptions
Bit Field
Field Name
Field
Type
Default
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com