Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#KD0 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RC19302A00AGNT#KD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#KD0 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#KD0 Datasheet HTML 2Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 3Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 4Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 5Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 6Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 7Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 8Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 9Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 6
May 11, 2026
RC193xx Datasheet
1.3.2
RC19308 Pin Descriptions
Table 1. RC19308A/A001 Pin Descriptions
Pin Number
Pin Name
Type
Description
1
ZOUTSEL_tri
I, SE, PD,
PU
Input to select differential output impedance.
0 = 85Ω, 1 = 100Ω, M = 34Ω
Note: This pin is bi-level on the RC19208 clock multiplexer with an internal pull-down,
which results in a default output impedance of 85Ω when left floating.
This pin is tri-level on the RC19308 with both internal pull-up and pull-down resistors.
On the RC19308, this results in a default output impedance of 34Ω when left floating.
This pin must be pulled down or pulled up to select an output impedance of 85Ω or 100Ω,
respectively.
2
VDDDIG
PWR
Digital power.
3
PWRGD_PWRDNb
I, SE, PU,
PDT
Input notifies device to sample latched inputs and start up on first high assertion. Low
enters Power Down Mode, subsequent high assertions exit Power Down Mode.
4
CLKIN0
I, DIF
True clock input.
5
CLKINb0
I, DIF
Complementary clock input.
6
VDDIN0
PWR
Power supply for clock input 0.
7
SADR_tri0
I, SE, PD,
PU
SMBus address bit. This is a tri-level input that works in conjunction with other SADR
pins, if present, to decode SMBus Addresses. See the SMBus Address Selection
(RC19308) table and refer to the tri-level input thresholds in the electrical tables.
8
CLKIN1
I, DIF
True clock input.
9
CLKINb1
I, DIF
Complementary clock input.
10
SDATA
I/O, SE,
OD, PDT Data pin for SMBus interface.
11
SCLK
I, SE, PDT Clock pin of SMBus interface.
12
VDDIN1
PWR
Power supply for clock input 1.
13
VDDCLK_1
PWR
Power supply for clock output bank 1.
14
CLK7
O, DIF
True clock output.
15
CLKb7
O, DIF
Complementary clock output.
16
OEb7
I, SE, PU,
PDT
Active low input for enabling output 7.
0 = Enable output, 1 = Disable output.
17
CLKSEL_tri
I, SE, PD,
PU
Input to select differential input clock 0 or differential input clock 1. This input has an
internal pull-up and pull-down resistor to bias a floating pin to the mid-point.
0 = CLKIN0 selected for all outputs.
1 = CLKIN1 selected for all outputs.
M = CLKIN0 goes to bank 0 and CLKIN1 goes to bank 1.
18
OEb6
I, SE, PU,
PDT
Active low input for enabling output 6.
0 = Enable output, 1 = Disable output.
19
CLK6
O, DIF
True clock output.
20
CLKb6
O, DIF
Complementary clock output.
21
VDDCLK_1
PWR
Power supply for clock output bank 1.
22
CLK5
O, DIF
True clock output.
23
CLKb5
O, DIF
Complementary clock output.
24
OEb5
I, SE, PU,
PDT
Active low input for enabling output 5.
0 = Enable output, 1 = Disable output.
25
OEb4
I, SE, PU,
PDT
Active low input for enabling output 4.
0 = Enable output, 1 = Disable output.
26
CLK4
O, DIF
True clock output.
27
CLKb4
O, DIF
Complementary clock output.
28
VDDCLK_1
PWR
Power supply for clock output bank 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com