Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#KD0 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # RC19302A00AGNT#KD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#KD0 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#KD0 Datasheet HTML 36Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 37Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 38Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 39Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 40Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 41Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 42Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 43Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 40
May 11, 2026
RC193xx Datasheet
4.5.12 OUTPUT_IMPEDANCE_7_0
Output Impedance Select Register 0.
OUTPUT_IMPEDANCE_7_0 Bit Field Descriptions
Bit Field
Field Name
Field
Type
Default
Value
Description
7
clk7_impedance0
RW
0x0
CLK7 impedance select bit 0. The default value of this bit is set by the
ZOUTSEL_tri pin.
When the pin is 0, this bit and B0x15[7] are set to 0.
When the pin is M, this bit is set to 0 and B0x15[7] is set to 1.
When the pin is 1, this bit is set to 1 and B0x15[7] is set to 0.
0 = 85 ohm differential, 42.5 ohm single-ended
1 = 100 ohm differential, 50 ohm single-ended
6
clk6_impedance0
RW
0x0
CLK6 impedance select bit 0. The default value of this bit is set by the
ZOUTSEL_tri pin.
When this pin is 0, this bit and B0x15[6] are set to 0.
When this pin is M, this bit is set to 0, ignored, and B0x15[6] is set to 1.
When this pin is 1, this bit is set to 1 and B0x15[6] is set to 0.
0 = 85 ohm differential, 42.5 ohm single-ended
1 = 100 ohm differential, 50 ohm single-ended
5
clk5_impedance0
RW
0x0
CLK5 impedance select bit 0. The default value of this bit is set by the
ZOUTSEL_tri pin.
When this pin is 0, this bit and B0x15[5] are set to 0.
When this pin is M, this bit is set to 0, ignored, and B0x15[5] is set to 1.
When this pin is 1, this bit is set to 1 and B0x15[5] is set to 0.
0 = 85 ohm differential, 42.5 ohm single-ended
1 = 100 ohm differential, 50 ohm single-ended
4
clk4_impedance0
RW
0x0
CLK4 impedance select bit 0. The default value of this bit is set by the
ZOUTSEL_tri pin.
When this pin is 0, this bit and B0x15[4] are set to 0.
When this pin is M, this bit is set to 0, ignored, and B0x15[4] is set to 1.
When this pin is 1, this bit is set to 1 and B0x15[4] is set to 0.
0 = 85 ohm differential or 42.5 ohm single-ended
1 = 100 ohm differential or 50 ohm single-ended
3
clk3_impedance0
RW
0x0
CLK3 impedance select bit 0. The default value of this bit is set by the
ZOUTSEL_tri pin.
When this pin is 0, this bit and B0x15[3] are set to 0.
When this pin is M, this bit is set to 0, ignored, and B0x15[3] is set to 1.
When this pin is 1, this bit is set to 1 and B0x15[3] is set to 0.
0 = 85 ohm differential or 42.5 ohm single-ended
1 = 100 ohm differential or 50 ohm single-ended
2
clk2_impedance0
RW
0x0
CLK2 impedance select bit 0. The default value of this bit is set by the
ZOUTSEL_tri pin.
When this pin is 0, this bit and B0x15[2] are set to 0.
When this pin is M, this bit is set to 0, ignored, and B0x15[2] is set to 1.
When this pin is 1, this bit is set to 1 and B0x15[2] is set to 0.
0 = 85 ohm differential or 42.5 ohm single-ended
1 = 100 ohm differential or 50 ohm single-ended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com