Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#KD0 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # RC19302A00AGNT#KD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#KD0 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#KD0 Datasheet HTML 44Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 45Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 46Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 47Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 48Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 49Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 50Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 51Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 48
May 11, 2026
RC193xx Datasheet
Table 34 contains values for the items in Figure 20 and Figure 21.
5.4
Power Down Tolerant Pins
Pins labeled Power Down Tolerant (PDT) can be driven by voltages as high as the normal VDD of the chip, even
though VDD is not present (the device is not powered). There will be no ill effects to the device and it will power up
normally. This feature supports disaggregation, where the RC193xx may be on one circuit board and devices that
interface with it are on other boards. These boards may power up at different times, driving pins on the RC193xx
before it has received power. NOTE: The differential CLKIN pins are limited to 1.4V. Applying a voltage higher
than this may damage the part.
5.5
Flexible Startup Sequencing
RC193xx devices support Flexible Startup Sequencing (FSS). FSS allows application of CLKIN at different times
in the device/system startup sequence. FSS is an additional feature that helps the system designer manage the
impact of disaggregation. Table 35 shows the supported sequences; that is, the RC193xx devices can have
CLKIN running before VDD is applied, and can have VDD applied and sit for extended periods with no input clock.
Note: The PWRGD_PWRDNb is synchronized with the selected CLKIN. If CLKIN is not present, the RC193xx will
not sample the pin until CLKIN is present. This applies to both powering up and powering down. If powered up
when the input clock stops, ACP (default enabled) will place the outputs into a low/low state even though the
RC193xx will not be completely powered down.
5.6
Loss of Signal and Automatic Clock Parking
The RC193xx devices have a Loss of Signal (LOS) circuit to detect the presence or absence of an input clock.
The LOS circuit drives the open-drain LOSb pin (the “b” suffix indicates “bar”, or active-low) and sets the
LOS_EVT bit in the SMBus register space. Figure 22 shows the LOSb de-assertion timing for the RC193xx clock
multiplexers. LOSb on the RC193xx multiplexers defaults to low at power up. CLKIN is represented differentially in
Figure 22 and Figure 23.
Figure 22. LOSb De-assert Timing RC193xx Devices
Note: The LOSb pin monitors the selected input clock in the RC193xx multiplexers.
Table 34. Parameters for Direct-Coupled Receiver-Terminated Configurations
ZOUT_SEL_tri
ZO (ohms)
ZDIF (ohms)
RP (ohms)
RT (ohms)
M
34
100
ZDIF /2
ZDIF
Table 35. Flexible Startup Sequences
VDD
PWRGD_PWRDNb
CLKIN/CLKINb
Not present
X
Running
Floating
Low/Low
Present
0 or 1
Running
Floating
Low/Low
VDD
CLKIN
LOSb
LOSDeassert typ
LOSDeassert max
c
e
d
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com