Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#KD0 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # RC19302A00AGNT#KD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#KD0 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#KD0 Datasheet HTML 50Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 51Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 52Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 53Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 54Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 55Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 56Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 57Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 58Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 56
May 11, 2026
RC193xx Datasheet
A.4
Footprint Design Information
A.4.1
48-VFQFPN
IPC Footprint Type
Package Code/POD Number
Number of Pins
QFN
PSC-4212-02/NDG48P2
48
Description
Dimension
Value (mm)
Diagram
Minimum body span (vertical side)
Dmin
5.90
Maximum body span (vertical side)
Dmax
6.10
Minimum body span (horizontal side)
Emin
5.90
Maximum body span (horizontal side)
Emax
6.10
Minimum Lead Width
Bmin
0.15
Maximum Lead Width
Bmax
0.25
Minimum Lead Length
Lmin
0.30
Maximum Lead Length
Lmax
0.50
Number of pins (vertical side)
PinCountD
12
Number of pins (horizontal side)
PinCountE
12
Distance between the center of any two adjacent pins (vertical
side)
PitchD
0.40
Distance between the center of any two adjacent pins
(horizontal side)
PitchE
0.40
Location of pin 1; S2 = corner of D side (top left), C1 = center of
E side (center).
Pin1
S2
Thermal pad Chamfer. If not present give hyphen (-).
CH
0.35
Minimum thermal pad size (vertical side)
D2min
4.10
Maximum thermal pad size (vertical side)
D2max
4.30
Minimum thermal pad size (horizontal side)
E2min
4.10
Maximum thermal pad size (horizontal side)
E2max
4.30
Maximum Height
Amax
1.00
Minimum Standoff Height
A1min
0.00
Minimum Lead Thickness
cmin
0.15
Maximum Lead Thickness
cmax
0.25
Recommended Land Pattern
Description
Dimension
Value (mm)
Diagram
Distance between left pad toe to right pad toe (horizontal side)
ZE
6.30
Distance between top pad toe to bottom pad toe (vertical side)
ZD
6.30
Distance between left pad heel to right pad heel (horizontal
side)
GE
5.20
Distance between top pad heel to bottom pad heel (vertical
side)
GD
5.20
Pad Width
X
0.20
Pad Length
Y
0.55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com