Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#KD0 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # RC19302A00AGNT#KD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#KD0 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#KD0 Datasheet HTML 33Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 34Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 35Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 36Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 37Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 38Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 39Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 40Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 37
May 11, 2026
RC193xx Datasheet
4.5.8
INPUT_PULLUP_PULLDOWN_4
Internal Pull-up / Pull-down Configuration Register.
4.5.9
AMP_CTRL_ALT
Alternate Amplitude Selection Register.
INPUT_PULLUP_PULLDOWN_4 Bit Field Descriptions
Bit Field
Field Name
Field
Type
Default
Value
Description
7:4
reserved
RW
0xb
Reserved
3
sdata_pullup
RW
0x0
Enable/disable internal pull-up. The default pin state is high when the internal
pull-up is enabled. If the SMBus is not used, this bit may be set to hold the
SDATA pin in an inactive state. It should not be set if the SMBus is used in the
system. RC19308 and RC19304 only.
0 = Disable internal pull-up
1 = Enable internal pull-up
2
reserved
RW
0x0
Reserved
1
sclk_pullup
RW
0x0
Enable/disable internal pull-up. The default pin state is high when the internal
pull-up is enabled. If the SMBus is not used, this bit may be set to hold the
SDATA pin in an inactive state. It should not be set if the SMBus is used in the
system. RC19308 and RC19304 only.
0 = Disable internal pull-up
1 = Enable internal pull-up
0
reserved
RW
0x0
Reserved
AMP_CTRL_ALT Bit Field Descriptions
Bit Field
Field Name
Field
Type
Default
Value
Description
7:4
amp_cntrl_alt_bnk1
RW
0xB
Alternate amplitude control for bank 1. When the multifunction pin is configured
as Amplitude Select, this field defines the single-ended output amplitude of
Bank 1 (CLK[7:4]) when the pin = 1. When the multifunction pin is configured
as Slew Rate Selection, this field has no impact.
0x0 = 625mV
0x1 = 650mV
0x2 = 675mV
0x3 = 700mV
0x4 = 725mV
0x5 = 750mV
0x6 = 775mV
0x7 = 800mV
0x8 = 825mV
0x9 = 850mV
amp_cntrl_alt_bnk1 (continued)
0xA = 875mV
0xB = 900mV
0xC = 925mV
0xD = 950mV
0xE = 975mV
0xF = 1000mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com