Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#KD0 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # RC19302A00AGNT#KD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#KD0 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#KD0 Datasheet HTML 24Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 25Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 26Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 27Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 28Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 29Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 30Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 31Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 28
May 11, 2026
RC193xx Datasheet
2.4.9
SMBus Electrical Characteristics
Figure 9. SMBus Target Timing Diagram
Table 26. SMBus DC Electrical Characteristics [1]
1. VOH is governed by the VPUP, the voltage rail to which the pull-up resistors are connected. The maximum VPUP voltage is 3.6V.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum Unit
VIH
High-level Input Voltage for SCLK and SDATA
VDD = 1.8V
0.8 VDD
-
3.6
V
VIL
Low-level Input Voltage for SCLK and SDATA
VDD = 1.8V
-
-
0.3 VDD
VHYS
Hysteresis of Schmitt Trigger Inputs
-
0.05 VDD
-
-
VOL
Low-level Output Voltage for SCLK and SDATA
IOL = 4mA
-
0.28
0.4
IIN
Input Leakage Current per Pin
-
[2]
2. See I/O Electrical Characteristics.
-
[2]
µA
CB
Capacitive Load for Each Bus Line
-
-
-
400
pF
Table 27. SMBus AC Electrical Characteristics
Symbol
Parameter
Conditions
100kHz Class
Unit
Minimum Maximum
fSMB
SMBus Operating Frequency
[1]
1. Power must be applied and PWRGD_PWRDNb must be a 1 for the SMBus to be active.
10
100
kHz
tBUF
Bus free time between STOP and START Condition
-
4.7
-
µs
tHD:STA
Hold Time after (REPEATED) START Condition
[2]
4
-
μs
tSU:STA
REPEATED START Condition Setup Time
-
4.7
-
µs
tSU:STO
STOP Condition Setup Time
-
4
-
µs
tHD:DAT
Data Hold Time
[3]
0
-
ns
tSU:DAT
Data Setup Time
-
250
-
ns
tTIMEOUT Detect SCL_SCLK Low Timeout
[4]
25
35
ms
tTIMEOUT Detect SDA_nCS Low Timeout
[5]
25
35
ms
tLOW
Clock Low Period
-
4.7
-
µs
tHIGH
Clock High Period
[6]
4
50
µs
tLOW:SEXT
Cumulative Clock Low Extend Time
(target [slave] device)
[7]
N/A.
The RC193xx does not
extend the clock.
ms
tLOW:MEXT
Cumulative Clock Low Extend Time
(host [master] device)
[8]
N/A.
The RC193xx is not a
host device.
ms
tF
Clock/Data Fall Time
[9]
-
300
ns
tR
Clock/Data Rise Time
[9]
-
1000
ns
tSPIKE
Noise Spike Suppression Time
[10]
-
-
ns
s
tHD:STA
tLOW
tHIGH
tSU:STA
sr
tHD:STA
tSU:STO
tBUF
s
P
SCL
SDA
MSB
tSU:DAT
tHD:DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com