Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#KD0 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # RC19302A00AGNT#KD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#KD0 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#KD0 Datasheet HTML 45Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 46Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 47Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 48Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 49Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 50Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 51Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 52Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 49
May 11, 2026
RC193xx Datasheet
The following diagram shows the LOSb assertion sequence when the selected CLKIN is lost. It also shows the
Automatic Clock Parking (ACP) circuit bring the outputs to a Low/Low state after an LOS event. For exact timing,
see Electrical Characteristics.
Figure 23. LOSb Assert Timing
5.7
Output Enable Control
The RC193xx buffer/mux family provides two mechanisms to enable or disable clock outputs. Both mechanisms
start and stop the output clocks in a synchronous, glitch-free manner. A clock output is enabled only when both
mechanisms indicate “enabled.” The following sections describe the two mechanisms.
5.7.1
SMBus Output Enable Bits
The RC193xx clock multiplexer family has a traditional SMBus output enable bit for each output. The power-up
default is 1, or enabled. Changing this bit to a 0 disables the output to a low/low state. The transitions between the
enable and disable states are glitch-free in both directions.
Note: The glitch-free synchronization logic requires the CLKIN be running to enable or disable the outputs with
this mechanism.
5.7.2
Output Enable (OEb) Pins
The OEb (Note: the “b” suffix indicates “bar”, or active-low) pins on the RC193xx provide flexible CLKREQb
functionality for PCIe slots and/or OE control for ‘motherboard-down’ devices. If the OEb pin is low the output is
enabled. If the OEb pin is high, the output is disabled to a low/low state. All OEb pins enable and disable the
controlled outputs in a glitch-free, synchronous manner.
Note: The glitch-free synchronization logic requires the selected CLKIN be running to enable or disable the
outputs with this mechanism.
5.8
PCB Layout Recommendations
Proper layout is critical to achieving the full functionality and efficiency of the device. For information on how to
support optimal electrical performance, effective thermal management, and overall system reliability, see the PCIe
Buffer-Mux Layout Recommendations Application Note.
6. Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas
website (see Ordering Information for POD links). The package information is the most current data available and
is subject to change without revision of this document.
VDD
CLK_IN
LOSb
CLKout
CLKoutp
LOSAssert typ
LOSAssert max
ACP min
ACP max
a
b
c
e
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com