Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#KD0 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # RC19302A00AGNT#KD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#KD0 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#KD0 Datasheet HTML 50Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 51Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 52Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 53Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 54Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 55Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 56Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 57Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 58Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 55 / 58 page
background image
A.3
Symbol Parameters
Orderable Part Number
Qualification
Mounting
Type
Min
Operating
Temperature
Max
Operating
Temperature
Min Input
Voltage
Max Input
Voltage
RoHS
Output Type Number of
Outputs
Interface
Max Output
Frequency
Phase Jitter Output Select
Mode
RC19308AGNA#BB0
Industrial
SMD
-40 °C
105 °C
1.7 V
1.9 V
Compliant
LP-HCSL
8
SMBus
400 MHz
42.8 fs
Slew Rate
RC19308AGNA#KB0
Industrial
SMD
-40 °C
105 °C
1.7 V
1.9 V
Compliant
LP-HCSL
8
SMBus
400 MHz
42.8 fs
Slew Rate
RC19308A001GNA#BB0
Industrial
SMD
-40 °C
105 °C
1.7 V
1.9 V
Compliant
LP-HCSL
8
SMBus
400 MHz
42.8 fs
Amplitude
RC19308A001GNA#KB0
Industrial
SMD
-40 °C
105 °C
1.7 V
1.9 V
Compliant
LP-HCSL
8
SMBus
400 MHz
42.8 fs
Amplitude
RC19304AGNL#BB0
Industrial
SMD
-40 °C
105 °C
1.7 V
1.9 V
Compliant
LP-HCSL
4
SMBus
400 MHz
42.8 fs
Slew Rate
RC19304AGNL#KB0
Industrial
SMD
-40 °C
105 °C
1.7 V
1.9 V
Compliant
LP-HCSL
4
SMBus
400 MHz
42.8 fs
Slew Rate
RC19304A001GNL#BB0
Industrial
SMD
-40 °C
105 °C
1.7 V
1.9 V
Compliant
LP-HCSL
4
SMBus
400 MHz
42.8 fs
Amplitude
RC19304A001GNL#KB0
Industrial
SMD
-40 °C
105 °C
1.7 V
1.9 V
Compliant
LP-HCSL
4
SMBus
400 MHz
42.8 fs
Amplitude
RC19302AGNT#BD0
Industrial
SMD
-40 °C
105 °C
1.7 V
1.9 V
Compliant
LP-HCSL
2
SMBus
400 MHz
42.8 fs
-
RC19302AGNT#KD0
Industrial
SMD
-40 °C
105 °C
1.7 V
1.9 V
Compliant
LP-HCSL
2
SMBus
400 MHz
42.8 fs
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com