Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#KD0 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # RC19302A00AGNT#KD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#KD0 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#KD0 Datasheet HTML 27Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 28Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 29Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 30Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 31Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 32Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 33Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 34Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
R31DS0210EU0106 Rev.1.06
Page 31
May 11, 2026
RC193xx Datasheet
Figure 12. Test Load for PCIe Phase Jitter Measurements
Table 30. Parameters for PCIe Jitter Measurement
Clock Source
L (cm) [1]
1. PCIe Gen5-7 specify L = 0cm for 32, 64 and 128GT/s. L = 25.4cm is more conservative.
CAC (uF)
ZOUTSEL_tri pin
Zo (ohms)
Rs (ohms)
SMA100B
25.4
0.1
0 (85 ohms)
85
Internal
1 (100 ohms)
100
Internal
Mid (34 ohms)
None
DUT Board
CKIN+
CK+
DUT Chip
CKIN-
CK-
Zo (differential)
Rs
Rs
CK+
Clock Source
CK-
SMA
Balun
SMA
L
CAC
CAC
PNA
50
SMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com