Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DK30C2DPPDUE Datasheet (PDF) - StarTech.com Ltd.

DK30C2DPPDUE Datasheet PDF - StarTech.com Ltd.
Part # DK30C2DPPDUE
Download  DK30C2DPPDUE Download
File Size   241.39 Kbytes
Page   8 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB-C Docking Station with USB-A Laptop Compatibility - 60W PD

DK30C2DPPDUE Datasheet (PDF)

Go To PDF Page Download Datasheet
DK30C2DPPDUE Datasheet PDF - StarTech.com Ltd.

Part # DK30C2DPPDUE
Download  DK30C2DPPDUE Click to download

File Size   241.39 Kbytes
Page   8 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB-C Docking Station with USB-A Laptop Compatibility - 60W PD

DK30C2DPPDUE Datasheet (HTML) - StarTech.com Ltd.


DK30C2DPPDUE Product details

Applications
• Create a dual-display workstation using either a USB-C laptop or
USB-A laptop
• Ideally suited for large enterprise, businesses and organizations
using a mix of laptops
• Effective in work environments working with sensitive data and
applications
• Ideal for hot-desking (hoteling or shared workstations), with
universal compatibility

Features
• Universal laptop docking station for USB-C and USB-A laptops,
supports Mac, Windows and Chrome OS
• Create a dual 4K 60Hz workstation with multiple video output
options: dual DisplayPort, dual HDMI, or DisplayPort + HDMI
• Power and charge your laptop with Power Delivery 3.0 up to 60W
• Connect your USB devices with 4x USB 3.0 ports - 1x USB-C (with
Fast-Charge) and 3x USB-A (including 1x Fast-Charge)
• Easy connection with unique 3.3’ (1 m) combo cable (USB-C to C
with built-in USB-A adapter)




Similar Part No. - DK30C2DPPDUE

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DK30CHHPDUK STARTECH-DK30CHHPDUK Datasheet
148Kb / 5P
Dual HDMI Monitor USB-C Docking Station with 60W Power Delivery
More results


Similar Description - DK30C2DPPDUE

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U442-DOCK5-GY TRIPPLITE-U442-DOCK5-GY Datasheet
167Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, USB-A/C, GbE, SD/Micro SD, PD Charging 3.0, Gray
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U442-DOCK11-S TRIPPLITE-U442-DOCK11-S Datasheet
166Kb / 4P
USB-C Docking Station, 4K @ 30 Hz, HDMI, Thunderbolt 3, USB-A Hub, PD Charging, SD/Micro SD, GbE - Silver
U442-DOCK12-S TRIPPLITE-U442-DOCK12-S Datasheet
164Kb / 4P
USB-C Docking Station, (x2) HDMI VGA, Thunderbolt 3, USB-A, PD Charging ??1080p @ 60 Hz, Silver
U442-DOCK1-B TRIPPLITE-U442-DOCK1-B Datasheet
182Kb / 4P
USB-C Laptop Docking Station with mDP, HDMI, VGA, GbE, 4K @ 30Hz, Thunderbolt 3 - USB-A, PD Charging, Black
U442-DOCK2-S TRIPPLITE-U442-DOCK2-S Datasheet
165Kb / 4P
USB-C Laptop Docking Station with mDP, HDMI, VGA, GbE, 4K @ 30 Hz, Thunderbolt 3 - USB-A, PD Charging, Silver
U442-DOCK3-B TRIPPLITE-U442-DOCK3-B Datasheet
164Kb / 4P
USB-C Laptop Docking Station - HDMI, VGA, GbE, 4K @ 30 Hz, Thunderbolt 3, USB-A, USB-C, PD Charging 3.0, Black
U442-DOCK4-S TRIPPLITE-U442-DOCK4-S Datasheet
168Kb / 4P
USB Type-C Docking Station, HDMI, VGA, DisplayPort, USB-A/C, GbE, 100W PD Charging, 4K @ 30 Hz, Thunderbolt 3, Silver
U442-DOCK5D-GY TRIPPLITE-U442-DOCK5D-GY Datasheet
167Kb / 4P
USB-C Docking Station - HDMI 4K @ 30 Hz, USB-AC, GbE, SD/Micro SD, PD Charging 3.0, USB-C Cable, Gray
logo
Coolgear Inc.
SSX-35SB COOLGEAR-SSX-35SB Datasheet
341Kb / 2P
SATA Docking Station with USB 2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com