Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DK30C2DPPDUE Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # DK30C2DPPDUE
Description  USB-C Docking Station with USB-A Laptop Compatibility - 60W PD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DK30C2DPPDUE Datasheet(HTML) 1 Page - StarTech.com Ltd.

  DK30C2DPPDUE Datasheet HTML 1Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 2Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 3Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 4Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 5Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 6Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 7Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 8Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
USB-C Docking Station with USB-A Laptop
Compatibility - 60W PD
Product ID: DK30C2DPPDUE
Create a dual-4K 60Hz workstation with this certified universal laptop docking station for USB-C and USB-
A laptops. The USB-C dock features 60W Power Delivery 3.0, dual HDMI and/or DisplayPort
monitors, fast-charge, and both USB-C and USB-A peripheral ports.
The Uniquely Universal Host Cable
The USB-C dock comes with a universal host cable that is designed with an attached USB-C to USB-A
adapter to accommodate USB-A laptops. The cable also features an extended length of 1 meter (3.3
ft.) to support a wide variety of workstation setups.
www.startech.com
1 800 265 1844


Similar Part No. - DK30C2DPPDUE

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DK30CHHPDUK STARTECH-DK30CHHPDUK Datasheet
148Kb / 5P
Dual HDMI Monitor USB-C Docking Station with 60W Power Delivery
More results

Similar Description - DK30C2DPPDUE

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U442-DOCK5-GY TRIPPLITE-U442-DOCK5-GY Datasheet
167Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, USB-A/C, GbE, SD/Micro SD, PD Charging 3.0, Gray
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U442-DOCK11-S TRIPPLITE-U442-DOCK11-S Datasheet
166Kb / 4P
USB-C Docking Station, 4K @ 30 Hz, HDMI, Thunderbolt 3, USB-A Hub, PD Charging, SD/Micro SD, GbE - Silver
U442-DOCK12-S TRIPPLITE-U442-DOCK12-S Datasheet
164Kb / 4P
USB-C Docking Station, (x2) HDMI VGA, Thunderbolt 3, USB-A, PD Charging ??1080p @ 60 Hz, Silver
U442-DOCK1-B TRIPPLITE-U442-DOCK1-B Datasheet
182Kb / 4P
USB-C Laptop Docking Station with mDP, HDMI, VGA, GbE, 4K @ 30Hz, Thunderbolt 3 - USB-A, PD Charging, Black
U442-DOCK2-S TRIPPLITE-U442-DOCK2-S Datasheet
165Kb / 4P
USB-C Laptop Docking Station with mDP, HDMI, VGA, GbE, 4K @ 30 Hz, Thunderbolt 3 - USB-A, PD Charging, Silver
U442-DOCK3-B TRIPPLITE-U442-DOCK3-B Datasheet
164Kb / 4P
USB-C Laptop Docking Station - HDMI, VGA, GbE, 4K @ 30 Hz, Thunderbolt 3, USB-A, USB-C, PD Charging 3.0, Black
U442-DOCK4-S TRIPPLITE-U442-DOCK4-S Datasheet
168Kb / 4P
USB Type-C Docking Station, HDMI, VGA, DisplayPort, USB-A/C, GbE, 100W PD Charging, 4K @ 30 Hz, Thunderbolt 3, Silver
U442-DOCK5D-GY TRIPPLITE-U442-DOCK5D-GY Datasheet
167Kb / 4P
USB-C Docking Station - HDMI 4K @ 30 Hz, USB-AC, GbE, SD/Micro SD, PD Charging 3.0, USB-C Cable, Gray
logo
Coolgear Inc.
SSX-35SB COOLGEAR-SSX-35SB Datasheet
341Kb / 2P
SATA Docking Station with USB 2.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com