Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DK30C2DPPDUE Datasheet(PDF) 5 Page - StarTech.com Ltd.

Part # DK30C2DPPDUE
Description  USB-C Docking Station with USB-A Laptop Compatibility - 60W PD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DK30C2DPPDUE Datasheet(HTML) 5 Page - StarTech.com Ltd.

  DK30C2DPPDUE Datasheet HTML 1Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 2Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 3Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 4Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 5Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 6Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 7Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 8Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Certifications, Reports
and Compatibility
Applications
•
Create a dual-display workstation using either a USB-C laptop or
USB-A laptop
•
Ideally suited for large enterprise, businesses and organizations
using a mix of laptops
•
Effective in work environments working with sensitive data and
applications
•
Ideal for hot-desking (hoteling or shared workstations), with
universal compatibility
Features
•
Universal laptop docking station for USB-C and USB-A laptops,
supports Mac, Windows and Chrome OS
•
Create a dual 4K 60Hz workstation with multiple video output
options: dual DisplayPort, dual HDMI, or DisplayPort + HDMI
•
Power and charge your laptop with Power Delivery 3.0 up to 60W
•
Connect your USB devices with 4x USB 3.0 ports - 1x USB-C (with
Fast-Charge) and 3x USB-A (including 1x Fast-Charge)
•
Easy connection with unique 3.3’ (1 m) combo cable (USB-C to C
with built-in USB-A adapter)
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com