Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DK30C2DPPDUE Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # DK30C2DPPDUE
Description  USB-C Docking Station with USB-A Laptop Compatibility - 60W PD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DK30C2DPPDUE Datasheet(HTML) 3 Page - StarTech.com Ltd.

  DK30C2DPPDUE Datasheet HTML 1Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 2Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 3Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 4Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 5Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 6Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 7Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 8Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Certified for Universal Compatibility & Reliability
This docking station is fully certified to meet top industry standards for USB-IF (USB 3.1 Gen 1, USB
Type-C and Power Delivery), VESA DisplayPort and DisplayLink (video connections) certification to
guarantee the highest quality, reliability, and compatibility.
60W Power Delivery
Using a single cable, the dock powers and charges your laptop as you work with 60W PD for faster
charging, using the 135W power adapter.
Easy and Convenient Setup
For fast setup right out of the box, the combo cable (USB-C with attached USB-A adapter) lets you
connect any laptop. The dock has mounting holes for workstation mounting (bracket not included).
The Connections You Need
Connect your devices with four USB 3.1 ports: 1x USB-C and 3x USB-A. Fast-charge your USB-C or USB-
A smartphone. The dock provides a GbE port (PXE Boot support & Wake-on-LAN) and 3.5 mm 4-
position headset audio jack. It also includes a security lock slot (K-slot) to protect against theft.
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com