Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DK30C2DPPDUE Datasheet(PDF) 7 Page - StarTech.com Ltd.

Part # DK30C2DPPDUE
Description  USB-C Docking Station with USB-A Laptop Compatibility - 60W PD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DK30C2DPPDUE Datasheet(HTML) 7 Page - StarTech.com Ltd.

  DK30C2DPPDUE Datasheet HTML 1Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 2Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 3Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 4Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 5Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 6Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 7Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 8Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1 - USB Type-C (Fast-Charge, 24 pin) USB 3.0 Female
1 - USB 3.0 A (Fast-Charge, 9 pin) Female
2 - USB Type-A (9 pin) USB 3.0 Female
1 - Ethernet Gigabit Female
1 - 3.5 mm Mini-Jack (4 Position) Female
Software
OS Compatibility
Windows® 7, 8, 8.1, 10
macOS 10.11 - 10.12, 10.14
Chrome OS™ v55+
Special Notes /
Requirements
Note
Not all USB-C ports support the full functionality of the USB
Type-C standard. Ensure that your host USB-C port supports
USB Power Delivery and DP alt mode.
4K resolution is supported on all 4 video ports. A 4K-capable
DisplayPort or HDMI display is required to achieve 4Kx2K
resolutions
If connected to a USB 2.0 host port, or if using a USB 2.0
host connection cable, performance may be limited (USB 3.0
host cable included)
USB 3.0 is also known as USB 3.1 Gen 1; this connectivity
standard offers speeds up to 5Gbps
5K resolution is supported by connecting the two DisplayPort
video ports to a single 5K display. A 5K-capable display is
required to achieve 5K (5120 x 2880 60Hz) resolutions
The dock connects to the USB Type-C port or the USB Type-
A port on your laptop.
System and Cable Requirements
USB-C enabled computer with an available USB Type-C port,
or a USB-3.0 enabled computer with an available USB Type-
A port
Power
Center Tip Polarity
Positive
Input Current
2.5 A
Input Voltage
100 - 240 AC
Output Current
6.75 A
Output Voltage
20V DC
Plug Type
N
Power Consumption (In Watts)
135 W
Power Delivery
60W
Power Source
AC Adapter Included
Environmental
Humidity
0~95% RH
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com