Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DK30C2DPPDUE Datasheet(PDF) 6 Page - StarTech.com Ltd.

Part # DK30C2DPPDUE
Description  USB-C Docking Station with USB-A Laptop Compatibility - 60W PD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DK30C2DPPDUE Datasheet(HTML) 6 Page - StarTech.com Ltd.

  DK30C2DPPDUE Datasheet HTML 1Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 2Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 3Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 4Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 5Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 6Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 7Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 8Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Warranty
3 Years
Hardware
4K Support
Yes
Bus Type
USB-C
USB 3.0
Chipset ID
DisplayLink - DL6950
Genesys Logic - GL3523
Fresco Logic - FL7102
Fresco Logic - FL7201
VIA Labs - VL160
RealTek - RTL8153
Texas Instruments - TS3A225E
Displays Supported
2
Fast-Charge Port(s)
Yes
Industry Standards
USB Power Delivery Specification Rev. 3.0
USB Battery Charging Specification Rev. 1.2
DisplayPort 1.2
IEEE 802.3, IEEE 802.3u, IEEE 802.3ab
USB 3.0 - Backward compatible with USB 2.0 and 1.1
Interface
USB 3.0
K-Lock Slot
Kensington Standard Slot (K-Slot)
Performance
Compatible Networks
10/100/1000 Mbps
Full Duplex Support
Yes
Maximum Data Transfer Rate
5 Gbps (USB 3.0)
2 Gbps (Ethernet; Full-Duplex)
Maximum Digital Resolutions
2x HDMI - 4096 x 2160p @60Hz
2x DisplayPort - 4096 x 2160p @60Hz
1x HDMI + 1x DisplayPort - 4096 x 2160p @60Hz
1x 5K DisplayPort using 2 DP video ports - 5120 x 2880
@60Hz
Lower resolutions are also supported. For example, if the
max is 4096 x 2160p (4K), it also supports 3840 x 2160p
(4K), 2560 x 1600p and 2560 x 1440p.
PXE
Yes
Type and Rate
USB 3.0 - 5 Gbit/s
UASP Support
Yes
Connector(s)
Connector Type(s)
2 - DisplayPort (20 pin) Female
2 - HDMI (19 pin) Female
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com