Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DK30C2DPPDUE Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # DK30C2DPPDUE
Description  USB-C Docking Station with USB-A Laptop Compatibility - 60W PD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DK30C2DPPDUE Datasheet(HTML) 2 Page - StarTech.com Ltd.

  DK30C2DPPDUE Datasheet HTML 1Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 2Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 3Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 4Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 5Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 6Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 7Page - StarTech.com Ltd. DK30C2DPPDUE Datasheet HTML 8Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Flexible Monitor Connections
This is a dual 4K60Hz video docking station with support for both Ultra HD DisplayPort and/or HDMI
monitors that lets you configure your video connections to best suit your needs.
•
Dual 4K DisplayPort | Up to 4096 x 2160p @ 60Hz
•
Dual 4K HDMI | Up to 4096 x 2160p @ 60Hz
•
Single 4K DisplayPort + Single 4K HDMI | Up to 4096 x 2160p @ 60Hz
•
Single 5K DisplayPort* | Up to 5120 × 2880
*Requires monitor support for 5K using two DP ports
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com