Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1521 Datasheet (PDF) - Analog Devices

LT1521 Datasheet PDF - Analog Devices
Part # LT1521
Download  LT1521 Download
File Size   2331.48 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown

LT1521 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1521 Datasheet PDF - Analog Devices

Part # LT1521
Download  LT1521 Click to download

File Size   2331.48 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown

LT1521 Datasheet (HTML) - Analog Devices


LT1521 Product details

FEATURES
Dropout Voltage: 0.5V
Output Current: 300mA
Quiescent Current: 12μA
No Protection Diodes Needed
Adjustable Output from 3.8V to 20V
Fixed Output Voltages: 3V, 3.3V, 5V
Controlled Quiescent Current in Dropout
Shutdown IQ = 6μA
Reverse Battery Protection
No Reverse Current
Thermal Limiting




Similar Part No. - LT1521

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1521 LINER-LT1521 Datasheet
294Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521 LINER-LT1521 Datasheet
220Kb / 16P
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1521 LINER-LT1521 Datasheet
147Kb / 12P
Nanopower Comparator with Reference
logo
Linear Dimensions Semic...
LT1521 LINEAR_DIMENSIONS-LT1521 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Technology
LT1521 LINER-LT1521 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
More results


Similar Description - LT1521

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1521 LINER-LT1521 Datasheet
294Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529 LINER-LT1529 Datasheet
139Kb / 12P
3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Dimensions Semic...
LT1521CS8-3-PBF LINEAR_DIMENSIONS-LT1521CS8-3-PBF Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Technology
LT1521 LINER-LT1521_15 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3.3 LINER-LT1521-3.3_15 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3 LINER-LT1521-3_15 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-5 LINER-LT1521-5_15 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529 LINER-LT1529_15 Datasheet
155Kb / 12P
3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-3.3 LINER-LT1529-3.3_15 Datasheet
155Kb / 12P
3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5_15 Datasheet
155Kb / 12P
3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com