Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1521 Datasheet(PDF) 9 Page - Analog Devices

Part # LT1521
Description  300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1521 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT1521 Datasheet HTML 5Page - Analog Devices LT1521 Datasheet HTML 6Page - Analog Devices LT1521 Datasheet HTML 7Page - Analog Devices LT1521 Datasheet HTML 8Page - Analog Devices LT1521 Datasheet HTML 9Page - Analog Devices LT1521 Datasheet HTML 10Page - Analog Devices LT1521 Datasheet HTML 11Page - Analog Devices LT1521 Datasheet HTML 12Page - Analog Devices LT1521 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LT1521/LT1521-3
LT1521-3.3/LT1521-5
9
Rev. C
For more information www.analog.com
PIN FUNCTIONS
OUT (Pin 1): The output pin supplies power to the load.
A minimum output capacitor of 1.5µF is required to pre-
vent oscillations, but larger values of output capacitor
will be necessary to deal with larger load transients. See
the Applications Information section for more on output
capacitance and reverse output characteristics.
SENSE (Pin 2): For fixed voltage versions of the LT1521
(LT1521-3, LT1521-3.3, LT1521-5), the sense pin is the
input to the error amplifier. Optimum regulation will be
obtained at the point where the sense pin is connected
to the output pin of the regulator. In critical applications
small voltage drops caused by the resistance (RP) of PC
traces between the regulator and the load, which would
normally degrade regulation, may be eliminated by con-
necting the sense pin to the output at the load as shown in
Figure 1 (Kelvin Sense Connection). Note that the voltage
drop across the external PC traces will add to the dropout
voltage of the regulator. The sense pin bias current is
5µA at the nominal regulated output voltage. This pin is
internally clamped to –0.6V (one VBE).
Temperature in the Typical Performance Characteristics
section.Theadjustpinreferencevoltageis3.75Vreferenced
to ground. The output voltage range that can be produced
by this device is 3.75V to 20V.
SHDN (Pin 5): The shutdown pin is used to put the device
into shutdown. In shutdown the output of the device is
turned off. This pin is active low. The device will be shut
down if the shutdown pin is pulled low. The shutdown pin
current with the pin pulled to ground will be 1.7µA. The
shutdown pin is internally clamped to 7V and –0.6V (one
VBE). This allows the shutdown pin to be driven directly by
5V logic or by open collector logic with a pull-up resistor.
The pull-up resistor is only required to supply the leakage
current of the open collector gate, normally several micro-
amperes. Pull-up current must be limited to a maximum
of 5mA. A curve of the shutdown pin input current as a
function of voltage appears in the Typical Performance
Characteristics. If the shutdown pin is not used it can be
left open circuit. The device will be active (output on) if
the shutdown pin is not connected.
IN (Pin 8): Power is supplied to the device through the
input pin. The input pin should be bypassed to ground if
the device is more than six inches away from the main
input filter capacitor. In general, the output impedance of
battery rises with frequency, so it is advisable to include
a bypass capacitor in battery-powered circuits. A bypass
capacitor in the range of 1µF to 10µF is sufficient. The
LT1521 is designed to withstand reverse voltages on the
input pin with respect to ground and the output pin. In
the case of reversed input, which can happen if a battery
is plugged in backwards, the LT1521 will act as if there is
a diode in series with its input. There will be no reverse
current flow into the LT1521 and no reverse voltage will
appear at the load. The device will protect both itself and
the load.
5
4
1
2
3
+
LT1521
GND
IN
SHDN
OUT
SENSE
+
VIN
LOAD
RP
RP
LT1521 • F01
Figure 1. Kelvin Sense Connection
ADJ (Pin 2): For adjustable LT1521, the adjust pin is the
input to the error amplifier. This pin is internally clamped
to 6V and –0.6V (one VBE). It has a bias current of 50nA
which flows into the pin. See Adjust Pin Bias Current vs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com