Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1521 Datasheet(PDF) 11 Page - Analog Devices

Part # LT1521
Description  300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1521 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT1521 Datasheet HTML 7Page - Analog Devices LT1521 Datasheet HTML 8Page - Analog Devices LT1521 Datasheet HTML 9Page - Analog Devices LT1521 Datasheet HTML 10Page - Analog Devices LT1521 Datasheet HTML 11Page - Analog Devices LT1521 Datasheet HTML 12Page - Analog Devices LT1521 Datasheet HTML 13Page - Analog Devices LT1521 Datasheet HTML 14Page - Analog Devices LT1521 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LT1521/LT1521-3
LT1521-3.3/LT1521-5
11
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
different board sizes and copper areas are listed for each
package. All measurements were taken in still air on
3/32" FR-4 board with one ounce copper. All NC leads were
connected to the ground plane.
Table 1. MS8 Package
COPPER AREA
BOARD AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE** BACKSIDE
2500mm2
2500mm2
2500mm2
110°C/W
1000mm2
2500mm2
2500mm2
115°C/W
225mm2
2500mm2
2500mm2
120°C/W
100mm2
2500mm2
2500mm2
130°C/W
* Pin 4 is ground. ** Device is mounted on topside.
Table 2. S8 Package*
COPPER AREA
BOARD AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE** BACKSIDE
2500mm2
2500mm2
2500mm2
60°C/W
1000mm2
2500mm2
2500mm2
60°C/W
225mm2
2500mm2
2500mm2
68°C/W
100mm2
2500mm2
2500mm2
74°C/W
* Pins 3, 6, 7 are ground. ** Device is mounted on topside.
Table 3. SOT-223 Package
(Thermal Resistance Junction-to-Tab 20°C/W)
COPPER AREA
BOARD AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE*
BACKSIDE
2500mm2
2500mm2
2500mm2
50°C/W
1000mm2
2500mm2
2500mm2
50°C/W
225mm2
2500mm2
2500mm2
58°C/W
100mm2
2500mm2
2500mm2
64°C/W
1000mm2
1000mm2
1000mm2
57°C/W
1000mm2
0
1000mm2
60°C/W
* Tab of device attached to topside copper.
Calculating Junction Temperature
Example: Given an output voltage of 3.3V, an input volt-
age range of 4.5V to 7V, an output current range of 0mA
to 150mA and a maximum ambient temperature of 50°C,
what will the maximum junction temperature be?
The power dissipated by the device will be equal to:
IOUT(MAX)(VIN(MAX) – VOUT) + IGND(VIN(MAX))
Where,
IOUT(MAX) = 150mA
VIN(MAX) = 7V
IGND at (IOUT = 150mA, VIN = 7V) = 2.1mA
So,
P = 150mA(7V – 3.3V) + (2.1mA)(7V) = 0.57W
If we use a SOT-223 package, then the thermal resistance
will be in the range of 50°C/W to 65°C/W depending on
the copper area. So the junction temperature rise above
ambient will be approximately equal to:
0.57W(60°C/W) = 34.2°C
The maximum junction temperature will then be equal to
the maximum junction temperature rise above ambient
plus the maximum ambient temperature or:
TJMAX = 50°C + 34.2°C = 84.2°C
Output Capacitance and Transient Performance
The LT1521 is designed to be stable with a wide range
of output capacitors. A minimum output capacitor of
1.5µF is required to prevent oscillations. The LT1521 is
a micropower device and output transient response will
be a function of output capacitance. See the Transient
Response curves in the Typical Performance Character-
istics. Larger values of output capacitance will decrease
the peak deviations and provide improved output transient
responseforlargerloadcurrentdeltas.Bypasscapacitors,
used to decouple individual components powered by the
LT1521, will increase the effective value of the output
capacitor.
Protection Features
The LT1521 incorporates several protection features
which make it ideal for use in battery-powered circuits.
In addition to the normal protection features associated
with monolithic regulators, such as current limiting and
thermal limiting, the device is protected against reverse
input voltages, reverse output voltages and reverse volt-
ages from output to input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com