Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1521 Datasheet(PDF) 1 Page - Analog Devices

Part # LT1521
Description  300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1521 Datasheet(HTML) 1 Page - Analog Devices

  LT1521 Datasheet HTML 1Page - Analog Devices LT1521 Datasheet HTML 2Page - Analog Devices LT1521 Datasheet HTML 3Page - Analog Devices LT1521 Datasheet HTML 4Page - Analog Devices LT1521 Datasheet HTML 5Page - Analog Devices LT1521 Datasheet HTML 6Page - Analog Devices LT1521 Datasheet HTML 7Page - Analog Devices LT1521 Datasheet HTML 8Page - Analog Devices LT1521 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LT1521/LT1521-3
LT1521-3.3/LT1521-5
1
Rev. C
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
300mA Low Dropout
Regulators with Micropower
Quiescent Current and Shutdown
The LT®1521/LT1521-3/LT1521-3.3/LT1521-5 are low
dropout regulators with micropower quiescent current
and shutdown. These devices are capable of supply-
ing 300mA of output current with a dropout voltage
of 0.5V. Designed for use in battery-powered systems,
the low quiescent current, 12µA operating and 6µA in
shutdown, makes them an ideal choice. The quiescent
current is well controlled; it does not rise in dropout as it
does with many other low dropout PNP regulators.
Other features of the LT1521/LT1521-3/LT1521-3.3/
LT1521-5 include the ability to operate with very small
output capacitors. They are stable with only 1.5µF on the
output while most older devices require between 10µF
and 100µF for stability. Small ceramic capacitors can be
used, enhancing manufacturability. Also, the input may
be connected to voltages lower than the output voltage,
including negative voltages, without reverse current flow
from output to input. This makes the LT1521 series ideal
for backup power situations where the output is held high
and the input is low or reversed. Under these conditions
only 5µA will flow from the output pin to ground.
APPLICATIONS
n
Dropout Voltage: 0.5V
n
Output Current: 300mA
n
Quiescent Current: 12µA
n
No Protection Diodes Needed
n
Adjustable Output from 3.8V to 20V
n
Fixed Output Voltages: 3V, 3.3V, 5V
n
Controlled Quiescent Current in Dropout
n
Shutdown IQ = 6µA
n
Reverse Battery Protection
n
No Reverse Current
n
Thermal Limiting
n
Low Current Regulator
n
Regulator for Battery-Powered Systems
n
Post Regulator for Switching Supplies
5V Battery-Powered Supply with Shutdown
Dropout Voltage
8
5
1
2
3
+
6V
1.5µF
1µF
5V
300mA
VSHDN (PIN 5) OUTPUT
<0.25
OFF
>2.80
ON
NC
ON
LT1521-5
GND
IN
SHDN
OUT
SENSE
LT1521 • TA01
OUTPUT CURRENT (mA)
0
0
0.1
0.2
0.3
0.4
0.6
50
100
150
200
LT1521 • TA02
250
300
0.5
All registered trademarks and trademarks are the property of their respective owners.


Similar Part No. - LT1521

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1521 LINER-LT1521 Datasheet
294Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521 LINER-LT1521 Datasheet
220Kb / 16P
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1521 LINER-LT1521 Datasheet
147Kb / 12P
Nanopower Comparator with Reference
logo
Linear Dimensions Semic...
LT1521 LINEAR_DIMENSIONS-LT1521 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Technology
LT1521 LINER-LT1521 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
More results

Similar Description - LT1521

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1521 LINER-LT1521 Datasheet
294Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529 LINER-LT1529 Datasheet
139Kb / 12P
3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Dimensions Semic...
LT1521CS8-3-PBF LINEAR_DIMENSIONS-LT1521CS8-3-PBF Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Technology
LT1521 LINER-LT1521_15 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3.3 LINER-LT1521-3.3_15 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3 LINER-LT1521-3_15 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-5 LINER-LT1521-5_15 Datasheet
210Kb / 16P
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529 LINER-LT1529_15 Datasheet
155Kb / 12P
3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-3.3 LINER-LT1529-3.3_15 Datasheet
155Kb / 12P
3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5_15 Datasheet
155Kb / 12P
3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com