Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1521 Datasheet(PDF) 13 Page - Analog Devices

Part # LT1521
Description  300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1521 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT1521 Datasheet HTML 9Page - Analog Devices LT1521 Datasheet HTML 10Page - Analog Devices LT1521 Datasheet HTML 11Page - Analog Devices LT1521 Datasheet HTML 12Page - Analog Devices LT1521 Datasheet HTML 13Page - Analog Devices LT1521 Datasheet HTML 14Page - Analog Devices LT1521 Datasheet HTML 15Page - Analog Devices LT1521 Datasheet HTML 16Page - Analog Devices LT1521 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LT1521/LT1521-3
LT1521-3.3/LT1521-5
13
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
Table 4. Fault Conditions
INPUT PIN
SHDN PIN
OUTPUT/SENSE PINS
RESULTING CONDITIONS
< VOUT (Nominal)
Open (High)
Forced to VOUT (Nominal)
Reverse Output Current ≈ 5µA (See Figure 3)
Input Current ≈ 1µA (See Figure 4)
< VOUT (Nominal)
Grounded
Forced to VOUT (Nominal)
Reverse Output Current ≈ 5µA (See Figure 3)
Input Current ≈ 1µA (See Figure 4)
Open
Open (High)
> 1V
Reverse Output Current ≈ 5µA (See Figure 3)
Open
Grounded
> 1V
Reverse Output Current ≈ 5µA (See Figure 3)
≤ 0.8V
Open (High)
≤ 0V
Output Current = 0
≤ 0.8V
Grounded
≤ 0V
Output Current = 0
> 1.5V
Open (High)
≤ 0V
Output Current = Short-Circuit Current
–20V < VIN < 20V
Grounded
≤ 0V
Output Current = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com