Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1521 Datasheet(PDF) 4 Page - Analog Devices

Part # LT1521
Description  300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1521 Datasheet(HTML) 4 Page - Analog Devices

  LT1521 Datasheet HTML 1Page - Analog Devices LT1521 Datasheet HTML 2Page - Analog Devices LT1521 Datasheet HTML 3Page - Analog Devices LT1521 Datasheet HTML 4Page - Analog Devices LT1521 Datasheet HTML 5Page - Analog Devices LT1521 Datasheet HTML 6Page - Analog Devices LT1521 Datasheet HTML 7Page - Analog Devices LT1521 Datasheet HTML 8Page - Analog Devices LT1521 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LT1521/LT1521-3
LT1521-3.3/LT1521-5
4
Rev. C
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Ground Pin Current (Note 7)
ILOAD = 0mA
l
12
25
µA
ILOAD = 1mA
l
65
100
µA
ILOAD = 10mA
l
300
450
µA
ILOAD = 50mA
l
0.8
1.5
mA
ILOAD = 100mA
l
1.4
2.5
mA
ILOAD = 150mA
l
2.2
4.0
mA
ILOAD = 300mA
l
6.5
12.0
mA
Adjust Pin Bias Current (Notes 5, 8)
TJ = 25°C
50
100
nA
Shutdown Threshold
VOUT = Off to On
VOUT = On to Off
l
l
0.25
1.20
0.75
2.80
V
V
Shutdown Pin Current (Note 9)
VSHDN = 0V
l
2.0
5.0
µA
Quiescent Current in Shutdown (Note 10) VIN = VOUT (NOMINAL) + 1V, VSHDN = 0V
l
6
12
µA
Ripple Rejection
VIN – VOUT = 1V(Avg), VRIPPLE = 0.5VP–P,
fRIPPLE = 120Hz, ILOAD = 150mA
50
58
dB
Current Limit
VIN – VOUT = 7V, TJ = 25°C
VIN = VOUT (NOMINAL) + 1.5V, ∆VOUT = –0.1V
l
320
400
400
800
mA
mA
Input Reverse Leakage Current
VIN = –20V, VOUT = 0V
l
1.0
mA
Reverse Output Current (Note 11)
LT1521-3
VOUT = 3V, VIN < 3V, TJ = 25°C
LT1521-3.3
VOUT = 3.3V, VIN < 3.3V, TJ = 25°C
LT1521-5
VOUT = 5V, VIN < 5V, TJ = 25°C
LT1521 (Note 5)
VOUT = 3.8V, VIN < 3.75V, TJ = 25°C
5
5
5
5
10
10
10
10
µA
µA
µA
µA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The shutdown pin input voltage rating is required for a low
impedance source. Internal protection devices connected to the shutdown
pin will turn on and clamp the pin to approximately 7V or –0.6V. This
range allows the use of 5V logic devices to drive the pin directly. For high
impedance sources or logic running on supply voltages greater than 5.5V,
the maximum current driven into the shutdown pin must be limited to less
than 5mA.
Note 3: For junction temperatures greater than 110°C, a minimum load
of 1mA is recommended. For TJ > 110°C and IOUT < 1mA, output voltage
may increase by 1%.
Note 4: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply
for all possible combinations of input voltage and output current. When
operating at maximum input voltage, the output current range must be
limited. When operating at maximum output current, the input voltage
range must be limited.
Note 5: The LT1521 (adjustable version) is tested and specified with the
adjust pin connected to the output pin.
Note 6: Dropout voltage is the minimum input/output voltage required to
maintain regulation at the specified output current. In dropout the output
voltage will be equal to: (VIN – VDROPOUT).
Note 7: Ground pin current is tested with VIN = VOUT (nominal) and a
current source load. This means the device is tested while operating in its
dropout region. This is the worst-case ground pin current. The ground pin
current will decrease slightly at higher input voltages.
Note 8: Adjust pin bias current flows into the adjust pin.
Note 9: Shutdown pin current at VSHDN = 0V flows out of the shutdown
pin.
Note 10: Quiescent current in shutdown is equal to the total sum of the
shutdown pin current (2µA) and the ground pin current (4µA).
Note 11: Reverse output current is tested with the input pin grounded and
the output pin forced to the rated output voltage. This current flows into
the output pin and out of the ground pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com