Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1521 Datasheet(PDF) 3 Page - Analog Devices

Part # LT1521
Description  300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1521 Datasheet(HTML) 3 Page - Analog Devices

  LT1521 Datasheet HTML 1Page - Analog Devices LT1521 Datasheet HTML 2Page - Analog Devices LT1521 Datasheet HTML 3Page - Analog Devices LT1521 Datasheet HTML 4Page - Analog Devices LT1521 Datasheet HTML 5Page - Analog Devices LT1521 Datasheet HTML 6Page - Analog Devices LT1521 Datasheet HTML 7Page - Analog Devices LT1521 Datasheet HTML 8Page - Analog Devices LT1521 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LT1521/LT1521-3
LT1521-3.3/LT1521-5
3
Rev. C
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
ORDER INFORMATION
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Regulated Output Voltage
(Note 4)
LT1521-3
VIN = 3.5V, IOUT = 1mA, TJ = 25°C
4V < VIN < 20V, 1mA < IOUT < 300mA
l
2.950
2.900
3.000
3.000
3.050
3.100
V
V
LT1521-3.3
VIN = 3.8V, IOUT = 1mA, TJ = 25°C
4.3V < VIN < 20V, 1mA < IOUT < 300mA l
3.250
3.200
3.300
3.300
3.350
3.400
V
V
LT1521-5
VIN = 5.5V, IOUT = 1mA, TJ = 25°C
6V < VIN < 20V, 1mA < IOUT < 300mA
l
4.925
4.850
5.000
5.000
5.075
5.150
V
V
LT1521 (Note 5)
VIN = 4.3V, IOUT = 1mA, TJ = 25°C
4.8V < VIN < 20V, 1mA < IOUT < 300mA l
3.695
3.640
3.750
3.750
3.805
3.860
V
V
Line Regulation
LT1521-3
∆VIN = 4.5 to 20V, IOUT = 1mA
l
1.5
20
mV
LT1521-3.3
∆VIN = 4.8 to 20V, IOUT = 1mA
l
1.5
20
mV
LT1521-5
∆VIN = 5.5 to 20V, IOUT = 1mA
l
1.5
20
mV
LT1521 (Note 5)
∆VIN = 4.3 to 20V, IOUT = 1mA
l
1.5
20
mV
Load Regulation
LT1521-3
∆ILOAD = 1mA to 300mA, TJ ≤ 25°C
–20
–30
mV
LT1521-3.3
∆ILOAD = 1mA to 300mA, TJ ≤ 25°C
–20
–30
mV
LT1521-5
∆ILOAD = 1mA to 300mA, TJ ≤ 25°C
–25
–45
mV
LT1521 (Note 5)
∆ILOAD = 1mA to 300mA, TJ ≤ 25°C
–20
–30
mV
LT1521-3
∆ILOAD = 1mA to 300mA, TJ > 25°C
–20
–55
mV
LT1521-3.3
∆ILOAD = 1mA to 300mA, TJ > 25°C
–20
–55
mV
LT1521-5
∆ILOAD = 1mA to 300mA, TJ > 25°C
–25
–75
mV
LT1521 (Note 5)
∆ILOAD = 1mA to 300mA, TJ > 25°C
–20
–55
mV
Dropout Voltage (Note 6)
ILOAD = 1mA, TJ = 25°C
ILOAD = 1mA
l
130
170
250
mV
mV
ILOAD = 50mA, TJ = 25°C
ILOAD = 50mA
l
290
350
450
mV
mV
ILOAD = 100mA, TJ = 25°C
ILOAD = 100mA
l
350
420
550
mV
mV
ILOAD = 150mA, TJ = 25°C
ILOAD = 150mA
l
400
470
600
mV
mV
ILOAD = 300mA, TJ = 25°C
ILOAD = 300mA
l
500
600
750
mV
mV
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1521CST-3#PBF
LT1521CST-3#TRPBF
15213
3-Lead Plastic SOT-223
0°C to 125°C
LT1521CST-3.3#PBF
LT1521CST-3.3#TRPBF
152133
3-Lead Plastic SOT-223
0°C to 125°C
LT1521CST-5#PBF
LT1521CST-5#TRPBF
15215
3-Lead Plastic SOT-223
0°C to 125°C
LT1521IST-3#PBF
LT1521IST-3#TRPBF
1521I3
3-Lead Plastic SOT-223
–40°C to 125°C
LT1521IST-3.3#PBF
LT1521IST-3.3#TRPBF
1521I33
3-Lead Plastic SOT-223
–40°C to 125°C
LT1521IST-5#PBF
LT1521IST-5#TRPBF
1521I5
3-Lead Plastic SOT-223
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com