Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1521 Datasheet(PDF) 5 Page - Analog Devices

Part # LT1521
Description  300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1521 Datasheet(HTML) 5 Page - Analog Devices

  LT1521 Datasheet HTML 1Page - Analog Devices LT1521 Datasheet HTML 2Page - Analog Devices LT1521 Datasheet HTML 3Page - Analog Devices LT1521 Datasheet HTML 4Page - Analog Devices LT1521 Datasheet HTML 5Page - Analog Devices LT1521 Datasheet HTML 6Page - Analog Devices LT1521 Datasheet HTML 7Page - Analog Devices LT1521 Datasheet HTML 8Page - Analog Devices LT1521 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LT1521/LT1521-3
LT1521-3.3/LT1521-5
5
Rev. C
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
LT1521
Adjustable Pin Voltage
LT1521-3
Quiescent Current
LT1521-3.3
Quiescent Current
LT1521-3
Output Voltage
Guaranteed Dropout Voltage
LT1521-3.3
Output Voltage
Dropout Voltage
LT1521-5
Output Voltage
Quiescent Current
OUTPUT CURRENT (mA)
0
150
250
LT1521 • TPC01
50
100
200
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
300
TJ ≤ 125C
TJ ≤ 25C
= TEST POINTS
TEMPERATURE (°C)
–50
0.7
25
LT1521 • TPC02
0.4
0.2
–25
0
50
0.1
0
0.8
0.6
0.5
0.3
75
100 125
ILOAD = 1mA
ILOAD = 50mA
ILOAD = 150mA
ILOAD = 300mA
ILOAD = 100mA
TEMPERATURE (°C)
–50
15.0
12.5
10.0
7.5
5.0
2.5
0
25
75
LT1521 • TPC03
–25
0
50
100
125
VIN = 6V
RL = ∞
ILOAD = 0
VSHDN = OPEN
VSHDN = 0V
TEMPERATURE (°C)
–50
25
LT1521 • TPC04
–25
0
50
3.08
3.06
3.04
3.02
3.00
2.98
2.96
2.94
2.92
75
100 125
TEMPERATURE (°C)
–50
25
LT1521 • TPC05
–25
0
50
3.38
3.36
3.34
3.32
3.30
3.28
3.26
3.24
3.22
75
100 125
IOUT = 1mA
TEMPERATURE (°C)
–50
25
LT1521 • TPC06
–25
0
50
5.08
5.06
5.04
5.02
5.00
4.98
4.96
4.94
4.92
75
100 125
TEMPERATURE (°C)
–50
3.81
25
LT1521 • TPC07
3.75
3.71
–25
0
50
3.69
3.67
3.83
3.79
3.77
3.73
75
100 125
ILOAD = 1mA
INPUT VOLTAGE (V)
0
50
45
40
35
30
25
20
15
10
5
0
8
LT1521 • TPC08
2
1
3
5
7
9
4
6
10
TJ = 25°C
RL = ∞
VSHDN = OPEN
VSHDN = 0V
INPUT VOLTAGE (V)
0
30
40
50
45
35
25
15
5
8
LT1521 • TPC09
20
10
0
2
1
3
5
7
9
4
6
10
TJ = 25°C
RL = ∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com