Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1521 Datasheet(PDF) 2 Page - Analog Devices

Part # LT1521
Description  300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1521 Datasheet(HTML) 2 Page - Analog Devices

  LT1521 Datasheet HTML 1Page - Analog Devices LT1521 Datasheet HTML 2Page - Analog Devices LT1521 Datasheet HTML 3Page - Analog Devices LT1521 Datasheet HTML 4Page - Analog Devices LT1521 Datasheet HTML 5Page - Analog Devices LT1521 Datasheet HTML 6Page - Analog Devices LT1521 Datasheet HTML 7Page - Analog Devices LT1521 Datasheet HTML 8Page - Analog Devices LT1521 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LT1521/LT1521-3
LT1521-3.3/LT1521-5
2
Rev. C
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
Input Voltage.........................................................±20V*
Output Pin Reverse Current ...................................10mA
Adjust Pin Current..................................................10mA
Shutdown Pin Input Voltage (Note 1) ...........6.5V, –0.6V
Shutdown Pin Input Current (Note 1) ......................5mA
Output Short-Circuit Duration .......................... Indefinite
(Note 1)
PIN CONFIGURATION
1
2
3
4
OUT
SENSE/ADJ*
NC
GND
8
7
6
5
IN
NC
NC
SHDN
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 125°C/W
*PIN 2 = SENSE FOR LT1521-3/
LT1521-3.3/LT1521-5
PIN 2 = ADJ FOR LT1521
1
2
3
4
8
7
6
5
TOP VIEW
IN
GND
GND
SHDN
OUT
SENSE/ADJ*
GND
NC
S8 PACKAGE
8-LEAD PLASTIC SO
*PIN 2 = SENSE FOR LT1521-3/LT1521-3.3/LT1521-5
= ADJ FOR LT1521
TJMAX = 125°C, θJA = 70°C/W
SEE THE APPLICATIONS INFORMATION SECTION
3
2
1
FRONT VIEW
TAB IS
GND
OUT
GND
IN
ST PACKAGE
3-LEAD PLASTIC SOT-223
TJMAX = 125°C, θJA = 50°C/W
SEE THE APPLICATIONS INFORMATION SECTION
Storage Temperature Range................... –65°C to 150°C
Operating Junction Temperature Range (Note 2)
Commercial............................................ 0°C to 125°C
Industrial ......................................... –40°C to 125°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
*For applications requiring input voltage ratings greater than 20V, contact
the factory.
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1521CMS8#PBF
LT1521CMS8#TRPBF
LTEZ
8-Lead Plastic MSOP
0°C to 125°C
LT1521CMS8-3#PBF
LT1521CMS8-3#TRPBF
LTFB
8-Lead Plastic MSOP
0°C to 125°C
LT1521CMS8-3.3#PBF
LT1521CMS8-3.3#TRPBF LTDU
8-Lead Plastic MSOP
0°C to 125°C
LT1521CMS8-5#PBF
LT1521CMS8-5#TRPBF
LTFA
8-Lead Plastic MSOP
0°C to 125°C
LT1521CS8#PBF
LT1521CS8#TRPBF
1521
8-Lead Plastic SOIC
0°C to 125°C
LT1521CS8-3#PBF
LT1521CS8-3#TRPBF
15213
8-Lead Plastic SOIC
0°C to 125°C
LT1521CS8-3.3#PBF
LT1521CS8-3.3#TRPBF
152133
8-Lead Plastic SOIC
0°C to 125°C
LT1521CS8-5#PBF
LT1521CS8-5#TRPBF
15215
8-Lead Plastic SOIC
0°C to 125°C
LT1521IS8#PBF
LT1521IS8#TRPBF
1521I
8-Lead Plastic SOIC
–40°C to 125°C
LT1521IS8-3#PBF
LT1521IS8-3#TRPBF
1521I3
8-Lead Plastic SOIC
–40°C to 125°C
LT1521IS8-3.3#PBF
LT1521IS8-3.3#TRPBF
1521I33
8-Lead Plastic SOIC
–40°C to 125°C
LT1521IS8-5#PBF
LT1521IS8-5#TRPBF
1521I5
8-Lead Plastic SOIC
–40°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com