Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75951 Datasheet (PDF) - STMicroelectronics

ST75951 Datasheet PDF - STMicroelectronics
Part # ST75951
Download  ST75951 Download
File Size   194.67 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description V.34/56K ANALOG FRONT END

ST75951 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST75951 Datasheet PDF - STMicroelectronics

Part # ST75951
Download  ST75951 Click to download

File Size   194.67 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description V.34/56K ANALOG FRONT END

ST75951 Datasheet (HTML) - STMicroelectronics


ST75951 Product details

DESCRIPTION
ST75951 is an analog front-end designed to implement modems application up to 56Kbps.
ST75951 interfaces between DSP or HSP signals and capacitive isolation barrier.
A complete D.A.A. is made with ST952 which interfaces between capacitive isolation barrier and the telephone line.
It integrates a high resolution A/D and D/A converter and incorporates Krypton Isolation Inc. patented silicon D.A.A. technology.

■ V.34/56K MODEM ANALOG FRONT-END (AFE)
■ 16 BITS OVERSAMPLING SIGMA DELTA A/D AND D/A CONVERTERS
■ 85dB DYNAMIC RANGE
■ PROGRAMMABLE SAMPLING FREQUENCY
■ AUXILIARY ANALOG INPUT
■ MODEM SIDE OF SILICON DATA ACCESS ARRANGEMENT (DAA) INTEGRATED WITH AFE
■ KRYPTON ISOLATION INC. PATENTED TECHNOLOGY ELIMINATE TRANSFORMER OR LINEAR OPTO-COUPLERS
■ RING DETECT, LINE IN USE, CLID AND OVER LOOP CURRENT DETECT
■ 4 GPIO ASSOCIATED WITH 1 GENERAL PURPOSE INTERRUPT OUTPUT
■ ANALOG AND DIGITAL LOOP-BACK MODE
■ SYNCHRONOUS SERIAL INTERFACE FOR PROCESSORS DATA EXCHANGE
■ ON CHIP REFERENCE VOLTAGE
■ SINGLE POWER SUPPLY RANGE : 2.7V TO 5.25V
■ LOW POWER CONSUMPTION : 40mW @ 3.3V
■ TQFP48 PACKAGE
■ 0.5µM CMOS PROCESS




Similar Part No. - ST75951

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7590 STMICROELECTRONICS-ST7590 Datasheet
620Kb / 24P
Narrow-band OFDM power line networking PRIME compliant system-on-chip
19-Oct-2011
More results


Similar Description - ST75951

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
TEA7092 STMICROELECTRONICS-TEA7092 Datasheet
261Kb / 24P
TELEPHONE ANALOG FRONT END
logo
Texas Instruments
TLFD500PN TI-TLFD500PN Datasheet
578Kb / 38P
3.3 V INTEGRATED G.LITE ANALOG FRONT END
logo
Winbond
W6662CF WINBOND-W6662CF Datasheet
272Kb / 19P
SCANNER ANALOG FRONT END
logo
Teridian Semiconductor ...
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
Modem Analog Front End
logo
Texas Instruments
TLFD500 TI1-TLFD500 Datasheet
544Kb / 38P
3.3 V INTEGRATED G.LITE ANALOG FRONT END
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
Analog Front End
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com