Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75951 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST75951
Description  V.34/56K ANALOG FRONT END
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75951 Datasheet(HTML) 1 Page - STMicroelectronics

  ST75951 Datasheet HTML 1Page - STMicroelectronics ST75951 Datasheet HTML 2Page - STMicroelectronics ST75951 Datasheet HTML 3Page - STMicroelectronics ST75951 Datasheet HTML 4Page - STMicroelectronics ST75951 Datasheet HTML 5Page - STMicroelectronics ST75951 Datasheet HTML 6Page - STMicroelectronics ST75951 Datasheet HTML 7Page - STMicroelectronics ST75951 Datasheet HTML 8Page - STMicroelectronics ST75951 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
ST75951
V.34/56K ANALOG FRONT END
February 1999
TQFP48 (7 x 7 x 1.4mm)
(Full Plastic Quad Flat Pack)
ORDER CODE : ST75951
.
V.34/56K MODEM ANALOG FRONT-END (AFE)
.
16 BITS OVERSAMPLING SIGMA DELTA A/D
AND D/A CONVERTERS
.
85dB DYNAMIC RANGE
.
PROGRAMMABLE SAMPLING FREQUENCY
.
AUXILIARY ANALOG INPUT
.
MODEM SIDE OF SILICON DATA ACCESS AR-
RANGEMENT (DAA) INTEGRATED WITH AFE
.
KRYPTON
ISOLATION
INC.
PATENTED
TECHNOLOGY ELIMINATE TRANSFORMER
OR LINEAR OPTO-COUPLERS
.
RING DETECT, LINE IN USE, CLID AND
OVER LOOP CURRENT DETECT
.
4 GPIO ASSOCIATED WITH 1 GENERAL
PURPOSE INTERRUPT OUTPUT
.
ANALOG AND DIGITAL LOOP-BACK MODE
.
SYNCHRONOUS SERIAL INTERFACE FOR
PROCESSORS DATA EXCHANGE
.
ON CHIP REFERENCE VOLTAGE
.
SINGLE POWER SUPPLY RANGE :
2.7V TO 5.25V
.
LOW POWER CONSUMPTION : 40mW @ 3.3V
.
TQFP48 PACKAGE
.
0.5
µM CMOS PROCESS
DESCRIPTION
ST75951 is an analog front-end designed to im-
plement modems application up to 56Kbps.
ST75951 interfaces between DSP or HSP signals
and capacitive isolation barrier.
A complete D.A.A. is made with ST952 which inter-
faces between capacitive isolation barrier and the
telephone line.
It integrates a high resolution A/D and D/A
converter and incorporates Krypton Isolation
Inc. patented silicon D.A.A. technology.
ST75951
ST952
Digital
Digital
Tip
Ring
Figure 1
1/21


Similar Part No. - ST75951

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7590 STMICROELECTRONICS-ST7590 Datasheet
620Kb / 24P
Narrow-band OFDM power line networking PRIME compliant system-on-chip
19-Oct-2011
More results

Similar Description - ST75951

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
TEA7092 STMICROELECTRONICS-TEA7092 Datasheet
261Kb / 24P
TELEPHONE ANALOG FRONT END
logo
Texas Instruments
TLFD500PN TI-TLFD500PN Datasheet
578Kb / 38P
3.3 V INTEGRATED G.LITE ANALOG FRONT END
logo
Winbond
W6662CF WINBOND-W6662CF Datasheet
272Kb / 19P
SCANNER ANALOG FRONT END
logo
Teridian Semiconductor ...
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
Modem Analog Front End
logo
Texas Instruments
TLFD500 TI1-TLFD500 Datasheet
544Kb / 38P
3.3 V INTEGRATED G.LITE ANALOG FRONT END
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com