Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75951 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST75951
Description  V.34/56K ANALOG FRONT END
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75951 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST75951 Datasheet HTML 10Page - STMicroelectronics ST75951 Datasheet HTML 11Page - STMicroelectronics ST75951 Datasheet HTML 12Page - STMicroelectronics ST75951 Datasheet HTML 13Page - STMicroelectronics ST75951 Datasheet HTML 14Page - STMicroelectronics ST75951 Datasheet HTML 15Page - STMicroelectronics ST75951 Datasheet HTML 16Page - STMicroelectronics ST75951 Datasheet HTML 17Page - STMicroelectronics ST75951 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
FUNCTIONAL DESCRIPTION (continued)
11.2 - Read Operation (Register n) (D15 = 1)
This is a two sampling frequency period duration
operation, where a first 16 bit word sent from the
host on DIN, contains the read qualifier and the
address register (register n).
Contemporaly ST75951 ouptuts on DOUT the regis-
ter 2 (GPIO) while the address field is decoded.
Then a second read operation with the default
address (register 2) is sent to the device. At that
DATA WORD INPUT
@regN (read only)
1
D15
DI
DATA WORD OUTPUT
REGISTER 2 VALUE
D0
10
HC0
HC1
FS
Sampling Period
1/2 Sampling Period
1
DATA WORD OUTPUT
REGISTER N VALUE
D15
Sampling Period
1/2 Sampling Period
FS
01
@reg2 (read only)
DATA WORD INPUT
10
Figure 23
R/W
ad2
ad1
ad0
d11...............d0
D15
D0
16 Bits Control Word Format
Figure 24
DATA WORD INPUT (15 BITS)
DATA WORD OUPUT (16 BITS)
SCLK
(Only if Control Mode Selected)
FS
D15
DIN
0
D0
D1
D15
D15
DOUT
D0
D15
DATA WORD INPUT (15 BITS)
D15
DIN
1
D0
D1
D15
CONTROL WORD (16 BITS)
D15
D0
D15
D0
D15
REGISTER VALUE (16 BITS)
D15
D0
DOUT
DATA WORD OUPUT (16 BITS)
HC1 = 0
HC0 = 0
D15
D0
D15
DIN
D15
D0
D15
DOUT
DATA WORD OUPUT (16 BITS)
DATA WORD INPUT (16 BITS)
D15
D0
D15
CONTROL WORD (16 BITS)
D15
D0
DIN
D15
D0
D15
REGISTER VALUE (16 BITS)
D15
D0
DOUT
DATA WORD OUPUT (16 BITS)
DATA WORD INPUT (16 BITS)
HC1 = 0
HC0 = 1
HC1 = 1
HC0 = X
1/2 Sampling Period
Sampling Period, (128, 192, 256, 320 or 384)
Figure 25
time ST75951 outputs on DOUT the register n
value (see Figure 23, 24 and 25).
ST75951
14/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com