Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75951 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST75951
Description  V.34/56K ANALOG FRONT END
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75951 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST75951 Datasheet HTML 13Page - STMicroelectronics ST75951 Datasheet HTML 14Page - STMicroelectronics ST75951 Datasheet HTML 15Page - STMicroelectronics ST75951 Datasheet HTML 16Page - STMicroelectronics ST75951 Datasheet HTML 17Page - STMicroelectronics ST75951 Datasheet HTML 18Page - STMicroelectronics ST75951 Datasheet HTML 19Page - STMicroelectronics ST75951 Datasheet HTML 20Page - STMicroelectronics ST75951 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
MCLK
4
3
2
SCLK
FS
6
7
5
1
DIN
89
MSB
DOUT
10
MSB
HC0, 1
11
12
Figure 27 : Timing Diagram (R = 4)
Serial Channel Timing
(Reference level VIL = 0.8V, VIH = DVDD-0.5V, Vol = 0.4V, VOH = DVDD-0.5V, VBUS = 5V)
Symbol
Parameter
Min.
Typ.
Max.
Unit
1
SCLK Period
300
ns
2
SCLK Width Low
150
ns
3
SCLK Width High
150
ns
4
SCLK Rise Time
10
ns
5
SCLK Fall Time
10
ns
6
FS Set-up
100
ns
7
FS Hold
100
ns
8
Din set-up
50
ns
9
Din Hold
0
ns
10
DOUT Valid
20
ns
11
HC0, HC1 Set-up
20
ns
12
FS to SCLK Delay
0
50
ns
ELECTRICAL SPECIFICATION (continued)
ST75951
19/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com