Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75951 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST75951
Description  V.34/56K ANALOG FRONT END
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75951 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST75951 Datasheet HTML 13Page - STMicroelectronics ST75951 Datasheet HTML 14Page - STMicroelectronics ST75951 Datasheet HTML 15Page - STMicroelectronics ST75951 Datasheet HTML 16Page - STMicroelectronics ST75951 Datasheet HTML 17Page - STMicroelectronics ST75951 Datasheet HTML 18Page - STMicroelectronics ST75951 Datasheet HTML 19Page - STMicroelectronics ST75951 Datasheet HTML 20Page - STMicroelectronics ST75951 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Absolute Maximum Rating (AGND = DGND = 0V, all voltages with respect to 0V)
Symbol
Parameter
Value
Unit
AVDD
Analog Power Supply
-0.3, 6.0
V
DVDD
Digital Power Supply
-0.3, 6.0
V
II
Input Current per Pin
-10, +10
mA
IO
Output Current per Pin
-20, +20
mA
VIA
Analog Input Voltage
-0.3, 6
V
VID
Digital Input Voltage
-0.3, 6
V
VIDGPIO
Digital Input Voltage at GPIO
5.25
V
Toper
Operating Temperature
0, +70
°C
Tstg
Storage Temperature
- 40, +125
°C
Ptot
Maximum Power Dissipation
200
mW
Warning : Operation beyond these limits may result in permanent damage to the device. Normal operation
is not guaranteed at these extremes.
ELECTRICAL SPECIFICATION
Unless otherwise noted, Electrical characteristics are specified over the operating range.
Typical value are given for VDD = 3.3V, TAMB = 25°C. Initial value MCLK external = 3.072MHz.
Dc Characteristics (Tamb = 0 to 70°C unless otherwise specified)
Power Supply And Common Mode Voltage
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
2.7
3.3
5.25
V
IDVDD
Digital Supply Current
6
8
mA
IAVDD
Analog Supply Current
9
12
mA
IDLP
Low Power mode (Hardware control PWRDWN Pin) @ 25°C
10
µA
IDLP R
Low Power mode (Software control with wake-up on Ring) @ 25°C
30
100
µA
VCM
Common Mode Voltage Output (see note 1)
AVDD/2-5%
AVDD/2+5%
V
Note 1 :
VCM output voltage current must be DC (<10
µA) If dynamic load exists, the VCM output must be buffered or the performances of
ADCs and DACs will be degraded.
Digital Interface
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIH
High Level Input Voltage
DVDD-0.5
V
VIL
Low Level Input Voltage
-0.3
0.5
V
VOH
High Level Output Voltage (ILOAD = +2mA)
DVDD-0.5
V
VOL
Low Level Output Voltage (ILOAD = -2mA )
0.3
V
ILEAK
Input Leakage Current
-1
1
µA
IXIN
Input Leakage Current (XTALIN Pin when MCM = 1)
-25
25
µA
ST75951
17/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com